Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72622L2M1L Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72622L2M1L
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622L2M1L Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72622L2M1L Datasheet HTML 124Page - STMicroelectronics ST72622L2M1L Datasheet HTML 125Page - STMicroelectronics ST72622L2M1L Datasheet HTML 126Page - STMicroelectronics ST72622L2M1L Datasheet HTML 127Page - STMicroelectronics ST72622L2M1L Datasheet HTML 128Page - STMicroelectronics ST72622L2M1L Datasheet HTML 129Page - STMicroelectronics ST72622L2M1L Datasheet HTML 130Page - STMicroelectronics ST72622L2M1L Datasheet HTML 131Page - STMicroelectronics ST72622L2M1L Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 132 page
background image
ST7262
131/132
16 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Revision
Main Changes
Date
2.2
Added an important note in section 3 on page 11
Added “and the device can be reprogrammed” in section 4.3.1 on page 14
Added Section 4.7 “Related Documentation” on page 16
Removed reference to EICR register (replaced by ITRFRE2 register) in section 7.2 on page
23
Added text specifying that the watchdog is a free-running counter (Section 10.1.2 and sec-
tion 10.1.3 on page 40
Changed description in Section 14 DEVICE CONFIGURATION AND ORDERING INFOR-
MATION on page 126
Changed name of section 15 on page 130
Updated description of FMP_R option bit in section 14.1 on page 126
Please read carefully the Section “IMPORTANT NOTES” on page 130
June 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com