Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E631K1M0 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72E631K1M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E631K1M0 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72E631K1M0 Datasheet HTML 97Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 98Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 99Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 100Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 101Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 102Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 103Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 104Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
ST7263
101/109
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
7.8.2 I2C - Inter IC Control Interface
1) The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined
region of the falling edge of SCL
2) The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of
SCL signal
Cb = total capacitance of one bus line in pF
I
2C/DDC-Bus Timings
Parameter
Standard I
2C
Fast I
2C
Symbol
Unit
Min
Max
Min
Max
Bus free time between a STOP and START con-
dition
4.7
1.3
TBUF
ms
Hold time START condition. After this period,
the first clock pulse is generated
4.0
0.6
THD:STA
µs
LOW period of the SCL clock
4.7
1.3
TLOW
µs
HIGH period of the SCL clock
4.0
0.6
THIGH
µs
Set-up time for a repeated START condition
4.7
0.6
TSU:STA
µs
Data hold time
0 (1)
0 (1)
0.9(2)
THD:DAT
ns
Data set-up time
250
100
TSU:DAT
ns
Rise time of both SDA and SCL signals
1000
20+0.1Cb
300
TR
ns
Fall time of both SDA and SCL signals
300
20+0.1Cb
300
TF
ns
Set-up time for STOP condition
4.0
0.6
TSU:STO
ns
Capacitive load for each bus line
400
400
Cb
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com