Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92141 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 112Page - STMicroelectronics ST92141 Datasheet HTML 113Page - STMicroelectronics ST92141 Datasheet HTML 114Page - STMicroelectronics ST92141 Datasheet HTML 115Page - STMicroelectronics ST92141 Datasheet HTML 116Page - STMicroelectronics ST92141 Datasheet HTML 117Page - STMicroelectronics ST92141 Datasheet HTML 118Page - STMicroelectronics ST92141 Datasheet HTML 119Page - STMicroelectronics ST92141 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 179 page
background image
116/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
7.4 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
7.4.1 Introduction
The IMC controller is designed for variable speed
motor control applications. Three PWM outputs
are available for controlling a three-phase motor
drive. Rotor speed feedback is provided by captur-
ing a tachogenerator input signal.
7.4.2 Main Features
s
10-bit PWM Up/Down Counter
s
Classical and zerocentered PWM operating
modes
s
Full-scale PWM generation
s
6-bit dead time generator
s
Rotor speed measurement
s
8 interrupt sources + 1 NMI
7.4.3 Functional Description
The IMC controller consists of the following func-
tion blocks:
– Input and Output pins
– Rotor speed measurement
– 3-Phase PWM signal generation
– 6-bit Dead Time generation
– Polarity selection
– Interrupt generation
The block diagram is shown in Figure 63.
Figure 63. IMC Controller Block Diagram
10-bit PWM Counter
11-bit Compare U Reg.
11-bit Preload Compare U Reg.
11-bit Compare V Reg.
11-bit Preload Compare V Reg.
11-bit Compare W Reg.
11-bit Preload Compare W Reg.
10-bit Preload Compare 0 Reg.
10-bit Compare 0 Reg.
Dead Time
Generator
Dead Time
Generator Reg.
8-bit Repetition
Down-Counter
8-Bit Repetition
Counter Reg.
PWM Counter
Prescaler Reg.
8-bit Prescaler
16-Bit Tacho Counter
16-Bit Tacho Capture Reg.
Tacho Prescaler Reg.
12-Bit Prescaler
DIV 2
OTC Int.
CPT Int.
CM0 Int.
ZPC Int.
ZPC Int.
ADT Int.
INTCLK
CMS bit
CPC bit
CPT=0
CPT=0
TACHO
UH
UL
CLR on CPT
OVF
CPU Int.
CPV Int.
CPW Int.
Dead Time
Generator
Dead Time
Generator
VH
VL
WH
WL
8-Bit Tacho Compare Reg.
NMI
NMI Int.
NMI Control
Logic
NMIE
bit
NMIL
bit
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com