Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 199Page - STMicroelectronics ST92F124 Datasheet HTML 200Page - STMicroelectronics ST92F124 Datasheet HTML 201Page - STMicroelectronics ST92F124 Datasheet HTML 202Page - STMicroelectronics ST92F124 Datasheet HTML 203Page - STMicroelectronics ST92F124 Datasheet HTML 204Page - STMicroelectronics ST92F124 Datasheet HTML 205Page - STMicroelectronics ST92F124 Datasheet HTML 206Page - STMicroelectronics ST92F124 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 426 page
background image
203/426
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
TIMER MODE REGISTER (TMR)
R249 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bit 7 = OE1: Output 1 enable.
0: Disable the Output 1 (TxOUTB pin) and force it
high.
1: Enable the Output 1 (TxOUTB pin)
The relevant I/O bit must also be set to Alternate
Function
Bit 6 = OE0: Output 0 enable.
0: Disable the Output 0 (TxOUTA pin) and force it
high
1: Enable the Output 0 (TxOUTA pin).
The relevant I/O bit must also be set to Alternate
Function
Bit 5 = BM: Bivalue mode.
This bit works together with the RM1 and RM0 bits
to select the timer operating mode (see Table 41).
0: Disable bivalue mode
1: Enable bivalue mode
Bit 4 = RM1: REG1R mode.
This bit works together with the BM and RM0 bits
to select the timer operating mode. Refer to Table
41.
Note: This bit has no effect when the Bivalue
Mode is enabled (BM=1).
Bit 3 = RM0: REG0R mode.
This bit works together with the BM and RM1 bits
to select the timer operating mode. Refer to Table
41.
Table 41. Timer Operating Modes
Bit 2 = ECK Timer clock control.
0: The prescaler clock source is selected depend-
ing on the IN0 - IN3 bits in the T_ICR register
1: Enter Parallel mode (for Timer 1 and Timer 3
only, no effect for Timer 0 and 2). See Section
10.4.2.12.
Bit 1 = REN: Retrigger mode.
0: Enable retriggerable mode
1: Disable retriggerable mode
Bit 0 = CO: Continous/One shot mode.
0: Continuous mode (with autoreload on End of
Count condition)
1: One shot mode
70
OE1
OE0
BM
RM1
RM0
ECK
REN
C0
TMR Bits
Timer Operating Modes
BM RM1 RM0
1
x
0
Biload mode
1
x
1
Bicapture mode
00
0
Load from REG0R and Monitor on
REG1R
01
0
Load from REG0R and Capture on
REG1R
00
1
Capture on REG0R and Monitor on
REG1R
0
1
1
Capture on REG0R and REG1R
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com