Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 232Page - STMicroelectronics ST92F124 Datasheet HTML 233Page - STMicroelectronics ST92F124 Datasheet HTML 234Page - STMicroelectronics ST92F124 Datasheet HTML 235Page - STMicroelectronics ST92F124 Datasheet HTML 236Page - STMicroelectronics ST92F124 Datasheet HTML 237Page - STMicroelectronics ST92F124 Datasheet HTML 238Page - STMicroelectronics ST92F124 Datasheet HTML 239Page - STMicroelectronics ST92F124 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 426 page
background image
236/426
ASYNCHRONOUS SERIAL COMMUNICATIONS INTERFACE (SCI-A)
10.6 ASYNCHRONOUS SERIAL COMMUNICATIONS INTERFACE (SCI-A)
10.6.1 Introduction
The Asynchronous Serial Communications Inter-
face (SCI-A) offers a flexible means of full-duplex
data exchange with external equipment requiring
an industry standard NRZ asynchronous serial
data format. The SCI-A offers a very wide range of
baud rates using two baud rate generator sys-
tems.
10.6.2 Main Features
Full duplex, asynchronous communications
NRZ standard format (Mark/Space)
Dual baud rate generator systems
Independently
programmable
transmit
and
receive baud rates up to 700K baud.
Programmable data word length (8 or 9 bits)
Receive buffer full, Transmit buffer empty and
End of Transmission flags
Two receiver wake-up modes:
– Address bit (MSB)
– Idle line
Muting
function
for
multiprocessor
configurations
Separate
enable bits for Transmitter and
Receiver
Three error detection flags:
– Overrun error
– Noise error
– Frame error
Five interrupt sources with flags:
– Transmit data register empty
– Transmission complete
– Receive data register full
– Idle line received
– Overrun error detected
Parity control:
– Transmits parity bit
– Checks parity of received data byte
Reduced power consumption mode
LIN Master: 13-bit LIN Synch Break generation
capability
10.6.3 General Description
The interface is externally connected to another
device by two pins (see Figure 118):
– TDO: Transmit Data Output. When the trans-
mitter is disabled, the output pin is in high im-
pedance. When the transmitter is enabled and
nothing is to be transmitted, the TDO pin is at
high level.
– RDI: Receive Data Input is the serial data in-
put. Oversampling techniques are used for
data recovery by discriminating between valid
incoming data and noise.
Through these pins, serial data is transmitted and
received as frames comprising:
– An Idle Line prior to transmission or reception
– A start bit
– A data word (8 or 9 bits) least significant bit
first
– A Stop bit indicating that the frame is com-
plete.
This interface uses two types of baud rate genera-
tors:
– A conventional type for commonly-used baud
rates,
– An extended type with a prescaler offering a
very wide range of baud rates even with non-
standard oscillator frequencies.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com