Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120JR9T Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 116Page - STMicroelectronics ST92F120JR9T Datasheet HTML 117Page - STMicroelectronics ST92F120JR9T Datasheet HTML 118Page - STMicroelectronics ST92F120JR9T Datasheet HTML 119Page - STMicroelectronics ST92F120JR9T Datasheet HTML 120Page - STMicroelectronics ST92F120JR9T Datasheet HTML 121Page - STMicroelectronics ST92F120JR9T Datasheet HTML 122Page - STMicroelectronics ST92F120JR9T Datasheet HTML 123Page - STMicroelectronics ST92F120JR9T Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 320 page
background image
120/320
ST92F120 - EXTERNAL MEMORY INTERFACE (EXTMI)
8.3 REGISTER DESCRIPTION
EXTERNAL MEMORY REGISTER 1 (EMR1)
R245 - Read/Write
Register Page: 21
Reset value: 1000 0000 (80h)
Bit 7 = Reserved.
Bit 6 = MC:
Mode Control.
0: AS, DS and RW pins keep the ST9OLD mean-
ing.
1: AS pin becomes ALE, Address Load Enable
(AS inverted); Thus Memory Adress, Read/
Write signals are valid whenever a falling edge
of ALE occurs.
DS becomes OEN, Output ENable: it keeps the
ST9OLD meaning during external read opera-
tions, but is forced to “1” during external write
operations.
RW pin becomes WEN, Write ENable: it follows
the ST9OLD DS meaning during external write
operations, but is forced to “1” during external
read operations.
Bit 5 = DS2EN:
Data Strobe 2 enable.
0: The DS2 pin is forced to “1” during the whole
memory cycle.
1: If the lower memory block is addressed, the
DS2 pin follows the ST9OLD DS meaning (if
MC=0) or it becomes OEN (if MC=1). The DS
pin is forced to 1 during the whole memory cy-
cle.
If the upper memory block is used, DS2 is forced
to “1” during the whole memory cycle. The DS
pin behaviour is not modified.
Refer to Figure 58
Bit 4 = ASAF:
Address Strobe as Alternate Func-
tion.
Depending on the device, AS can be either a ded-
icated pin or a port Alternate Function. This bit is
used only in the second case.
0: AS Alternate function disabled.
1: AS Alternate Function enabled.
Bit 2 = ETO:
External toggle.
0: The external memory interface pins (AS, DS,
DS2, RW, Port0, Port1) toggle only if an access
to external memory is performed.
1: When the internal memory protection is dis-
abled (mask option available on some devices
only), the above pins (except DS and DS2 which
never toggle during internal memory accesses)
toggle during both internal and external memory
accesses.
Bit 1 = BSZ:
Bus size.
0: All the I/O ports including the external memory
interface pins use smaller, less noisy output
buffers. This may limit the operation frequency
of the device, unless the clock is slow enough or
sufficient wait states are inserted.
1: All the I/O ports including the external memory
interface pins (AS, DS, DS2, R/W, Port 0, 1) use
larger, more noisy output buffers .
Bit 0 = Reserved.
WARNING: External memory must be correctly
addressed before and after a write operation on
the EMR1 register. For example, if code is fetched
from external memory using the ST9OLD external
memory interface configuration (MC=0), setting
the MC bit will cause the device to behave unpre-
dictably.
70
x
MC
DS2EN
ASAF
x
ETO
BSZ
X
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com