Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120JR9T Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 128Page - STMicroelectronics ST92F120JR9T Datasheet HTML 129Page - STMicroelectronics ST92F120JR9T Datasheet HTML 130Page - STMicroelectronics ST92F120JR9T Datasheet HTML 131Page - STMicroelectronics ST92F120JR9T Datasheet HTML 132Page - STMicroelectronics ST92F120JR9T Datasheet HTML 133Page - STMicroelectronics ST92F120JR9T Datasheet HTML 134Page - STMicroelectronics ST92F120JR9T Datasheet HTML 135Page - STMicroelectronics ST92F120JR9T Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 320 page
background image
132/320
TIMER/WATCHDOG (WDT)
TIMER/WATCHDOG (Cont’d)
10.1.3.3 Preventing Watchdog System Reset
In order to prevent a system reset, the sequence
AAh, 55h must be written to WDTLR (Watchdog
Timer Low Register). Once 55h has been written,
the Timer reloads the constant and counting re-
starts from the preset value.
To reload the counter, the two writing operations
must be performed sequentially without inserting
other instructions that modify the value of the
WDTLR register between the writing operations.
The maximum allowed time between two reloads
of the counter depends on the Watchdog timeout
period.
10.1.3.4 Non-Stop Operation
In Watchdog Mode, a Halt instruction is regarded
as illegal. Execution of the Halt instruction stops
further execution by the CPU and interrupt ac-
knowledgment, but does not stop INTCLK, CPU-
CLK or the Watchdog Timer, which will cause a
System Reset when the End of Count condition is
reached. Furthermore, ST_SP, S_C and the Input
Mode selection bits are ignored. Hence, regard-
less of their status, the counter always runs in
Continuous Mode, driven by the internal clock.
The Output mode should not be enabled, since in
this context it is meaningless.
Figure 70. Watchdog Timer Mode
TIMER START COUNTING
WRITEWDTRH,WDTRL
WD EN=0
WRITE AAh,55h
INTOWDTRL
RESET
SOFTWAREFAIL
(E.G. INFINITELOOP)
ORPERIPHERALFAIL
VA00220
PRODUCE
COUNT RELOAD
VALUE
COUNT
G
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com