Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120JR9T Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 159Page - STMicroelectronics ST92F120JR9T Datasheet HTML 160Page - STMicroelectronics ST92F120JR9T Datasheet HTML 161Page - STMicroelectronics ST92F120JR9T Datasheet HTML 162Page - STMicroelectronics ST92F120JR9T Datasheet HTML 163Page - STMicroelectronics ST92F120JR9T Datasheet HTML 164Page - STMicroelectronics ST92F120JR9T Datasheet HTML 165Page - STMicroelectronics ST92F120JR9T Datasheet HTML 166Page - STMicroelectronics ST92F120JR9T Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 320 page
background image
163/320
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
10.4.2.8 Free Running Mode
The timer counts continuously (in up or down
mode) and the counter value simply overflows or
underflows through FFFFh or zero; there is no End
Of Count condition as such, and no reloading
takes place. This mode is automatically selected
either in Bicapture Mode or by setting REG0R for a
capture function (Continuous Mode must also be
set). In Autoclear Mode, free running operation
can be had, with the possibility of choosing a max-
imum count value before overflow or underflow
which is less than 2
16 (see Autoclear Mode).
10.4.2.9 Monitor Mode
When the RM1 bit in TMR is reset, and the timer is
not in Bivalue Mode, REG1R acts as a monitor,
duplicating the current up or down counter con-
tents, thus allowing the counter to be read “on the
fly”.
10.4.2.10 Autoclear Mode
A clear command forces the counter either to
0000h or to FFFFh, depending on whether up-
counting or downcounting is selected. The counter
reset may be obtained either directly, through the
CCL bit in TCR, or by entering the Autoclear
Mode, through the CCP0 and CCMP0 bits in TCR.
Every capture performed on REG0R (if CCP0 is
set), or every successful compare performed by
CMP0R (if CCMP0 is set), clears the counter and
reloads the prescaler.
The Clear On Capture mode allows direct meas-
urement of delta time between successive cap-
tures on REG0R, while the Clear On Compare
mode allows free running with the possibility of
choosing a maximum count value before overflow
or underflow which is less than 2
16 (see Free Run-
ning Mode).
10.4.2.11 Bivalue Mode
Depending on the value of the RM0 bit in TMR, the
Biload Mode (RM0 reset) or the Bicapture Mode
(RM0 set) can be selected as illustrated in Figure
32 below:
Table 32. Bivalue Modes
A) Biload Mode
The Biload Mode is entered by selecting the Bival-
ue Mode (BM set in TMR) and programming
REG0R as a reload register (RM0 reset in TMR).
At any End Of Count, counter reloading is per-
formed alternately from REG0R and REG1R, (a
low level for BM bit always sets REG0R as the cur-
rent register, so that, after a Low to High transition
of BM bit, the first reload is always from REG0R).
TMR bits
Timer
Operating Modes
RM0
RM1
BM
0
1
X
X
1
1
BiLoad mode
BiCapture Mode
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com