| Electronic Components Datasheet Search |
|
ST722511R7T3 Datasheet(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST722511R7T3 Datasheet(HTML) 126 Page - STMicroelectronics |
|
126 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 126/164 INSTRUCTION SET OVERVIEW (Cont’d) 11.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required informa- tion for the CPU to process the operation. 11.1.2 Immediate Immediate instructions have two bytes, the first byte contains the opcode, the second byte con- tains the operand value. 11.1.3 Direct In Direct instructions, the operands are referenced by their memory address. The direct addressing mode consists of two sub- modes: Direct (short) The address is a byte, thus requires only one byte after the opcode, but only allows 00 - FF address- ing space. Direct (long) The address is a word, thus allowing 64 Kbyte ad- dressing space, but requires 2 bytes after the op- code. 11.1.4 Indexed (No Offset, Short, Long) In this mode, the operand is referenced by its memory address, which is defined by the unsigned addition of an index register (X or Y) with an offset. The indirect addressing mode consists of three sub-modes: Indexed (No Offset) There is no offset, (no extra byte after the opcode), and allows 00 - FF addressing space. Indexed (Short) The offset is a byte, thus requires only one byte af- ter the opcode and allows 00 - 1FE addressing space. Indexed (long) The offset is a word, thus allowing 64 Kbyte ad- dressing space and requires 2 bytes after the op- code. 11.1.5 Indirect (Short, Long) The required data byte to do the operation is found by its memory address, located in memory (point- er). The pointer address follows the opcode. The indi- rect addressing mode consists of two sub-modes: Indirect (short) The pointer address is a byte, the pointer size is a byte, thus allowing 00 - FF addressing space, and requires 1 byte after the opcode. Indirect (long) The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing space, and requires 1 byte after the opcode. Inherent Instruction Function NOP No operation TRAP S/W Interrupt WFI Wait For Interrupt (Low Pow- er Mode) HALT Halt Oscillator (Lowest Power Mode) RET Sub-routine Return IRET Interrupt Sub-routine Return SIM Set Interrupt Mask (level 3) RIM Reset Interrupt Mask (level 0) SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement MUL Byte Multiplication SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles Immediate Instruction Function LD Load CP Compare BCP Bit Compare AND, OR, XOR Logical Operations ADC, ADD, SUB, SBC Arithmetic Operations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |