Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST722511R7T3 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST722511R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T3 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST722511R7T3 Datasheet HTML 130Page - STMicroelectronics ST722511R7T3 Datasheet HTML 131Page - STMicroelectronics ST722511R7T3 Datasheet HTML 132Page - STMicroelectronics ST722511R7T3 Datasheet HTML 133Page - STMicroelectronics ST722511R7T3 Datasheet HTML 134Page - STMicroelectronics ST722511R7T3 Datasheet HTML 135Page - STMicroelectronics ST722511R7T3 Datasheet HTML 136Page - STMicroelectronics ST722511R7T3 Datasheet HTML 137Page - STMicroelectronics ST722511R7T3 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
134/164
OPERATING CONDITIONS (Cont’d)
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating condition for VDD,fOSC, and TA.
Figure 68. LVD Threshold Versus V
DD and f
OSC for ROM devices
2)
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. The minimum VDD rise time rate is needed to insure a correct device power-on and LVD reset. Not tested in production.
Symbol
Parameter
Condition s
Min
Typ 1)
Max
Unit
VIT+
Reset release threshold
(VDD rise)
3.95
4.15
4.35
V
VIT-
Reset generation threshold
(VDD fall)
3.70
3.90
4.10
Vhyst
LVD voltage threshold hysteresis
VIT+-VIT-
250
mV
VtPOR
VDD rise time rate
2)
0.02
V/ms
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
40
ns
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTI ONAL AREA
DEVICE UNDER
RESET
IN THIS AREA
FUNCTI ONALITY
NOT GUARAN TEED
IN THIS AREA
VIT-≥3.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com