Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB82 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 160Page - ATMEL Corporation AT90USB82 Datasheet HTML 161Page - ATMEL Corporation AT90USB82 Datasheet HTML 162Page - ATMEL Corporation AT90USB82 Datasheet HTML 163Page - ATMEL Corporation AT90USB82 Datasheet HTML 164Page - ATMEL Corporation AT90USB82 Datasheet HTML 165Page - ATMEL Corporation AT90USB82 Datasheet HTML 166Page - ATMEL Corporation AT90USB82 Datasheet HTML 167Page - ATMEL Corporation AT90USB82 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 306 page
background image
164
7707D–AVR–07/08
AT90USB82/162
stop sending characters. RTS usage and so associated flow control is enabled using RTSEN bit
in UCSRnD.
Figure 17-8. shows a reception example.
Figure 17-8. Reception Flow Control Waveform Example
Figure 17-9. RTS behavior
RTS will rise at 2/3 of the last received stop bit if the receive fifo is full.
To ensure reliable transmissions, even after a RTS rise, an extra-data can still be received and
stored in the Receive Shift Register.
17.9.2
Transmission Flow Control
The transmission flow can be controlled by hardware using the CTS pin controlled by the exter-
nal receiver. The aim of the flow control is to stop transmission when the receiver is full of data
(CTS = 1). CTS usage and so associated flow control is enabled using CTSEN bit in UCSRnD.
The CTS pin is sampled at each CPU write and at the middle of the last stop bit that is
curently being sent.
Figure 17-10. CTS behavior
RTS
RXD
C1 C2
0
1
2
FIFO
1
CPU Read
Index
C3
1
0
RTS
RXD
Start
Byte0
Stop
Start
Byte1
Stop
Read from CPU
Start
Byte2
1 additional byte may be sent
if the transmitter misses the RTS trig
CTS
TXD
Start
Byte0
Stop
Start
Byte1
Stop
Start
Byte2
sample
sample
Write from CPU
sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com