Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91RM9200
Description  ARM920T based Microcontroller
Download  683 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91RM9200 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200 Datasheet HTML 10Page - ATMEL Corporation AT91RM9200 Datasheet HTML 11Page - ATMEL Corporation AT91RM9200 Datasheet HTML 12Page - ATMEL Corporation AT91RM9200 Datasheet HTML 13Page - ATMEL Corporation AT91RM9200 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 683 page
background image
10
1768E–ATARM–30-Sep-05
AT91RM9200
3.17
PIO Controller
• Up to 32 programmable I/O Lines
• Fully programmable through Set/Clear Registers
• Multiplexing of two peripheral functions per I/O Line
• For each I/O Line (whether assigned to a peripheral or used as general purpose I/O)
– Input change interrupt
– Glitch filter
– Multi-drive option enables driving in open drain
– Programmable pull up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time
• Synchronous output, provides Set and Clear of several I/O lines in a single write
3.18
USB Host Port
• Compliance with Open HCI Rev 1.0 specification
• Compliance with USB V2.0 Full-speed and Low-speed Specification
• Supports both Low-speed 1.5 Mbps and Full-speed 12 Mbps USB devices
• Root hub integrated with two downstream USB ports
• Two embedded USB transceivers
• Supports power management
• Operates as a master on the Memory Controller
3.19
USB Device Port
• USB V2.0 full-speed compliant, 12 Mbits per second
• Embedded USB V2.0 full-speed transceiver
• Embedded dual-port RAM for endpoints
• Suspend/Resume logic
• Ping-pong mode (two memory banks) for isochronous and bulk endpoints
• Six general-purpose endpoints
– Endpoint 0, Endpoint 3: 8 bytes, no ping-pong mode
– Endpoint 1, Endpoint 2: 64 bytes, ping-pong mode
– Endpoint 4, Endpoint 5: 256 bytes, ping-pong mode
3.20
Ethernet MAC
• Compatibility with IEEE Standard 802.3
• 10 and 100 Mbits per second data throughput capability
• Full- and half-duplex operation
• MII or RMII interface to the physical layer
• Register interface to address, status and control registers
• DMA interface, operating as a master on the Memory Controller
• Interrupt generation to signal receive and transmit completion
• 28-byte transmit and 28-byte receive FIFOs


Similar Part No. - AT91RM9200

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
AT91RM9200-CI-002 ATMEL-AT91RM9200-CI-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com