| Electronic Components Datasheet Search |
|
M306V2EEFS Datasheet(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS Datasheet(HTML) 193 Page - Renesas Technology Corp |
|
193 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 193 of 269 M306V2ME-XXXFP, M306V2EEFP 2.16.6 Memory for OSD There are 2 types of memory for OSD : OSD ROM (addresses 9000016 to AFFFF16) used to store character dot data and OSD RAM (addresses 040016 to 13FF16) used to specify the kinds of display characters, display colors, and SPRITE display. The following describes each type of memory. (1) ROM for OSD (addresses 9000016 to AFFFF16) The dot pattern data for OSD characters is stored in the character font area in the OSD ROM and the CD font data for OSD characters is stored in the color dot font area in the OSD ROM. To specify the kinds of the character font and the CD font, it is necessary to write the character code into the OSD RAM. For character font, there are the following 2 mode. • OSDL enable mode 16 ✕ 20-dot font and 24 ✕ 32-dot font • OSDL disable mode 16 ✕ 20-dot font The modes are selected by bit 3 of the OSD control register 3 for each screen. The character font data storing address for OSDL enable/OSDL disable mode are shown in Figures 2.16.20 and 2.16.21. The conditions for each OSDL enable/disable mode are shown in Figure 2.16.22. The CD font data storing address is shown in Figure 2.16.23. Figure 2.16.19 OSD control register 4 OSD control register 4 Symbol Address When reset OC4 025F16 XXXXX002 b7 b6 b5 b4 b3 b2 b1 b0 Bit name Bit symbol W R Function OC40 OC41 OSDL mode selection bit Number of horizontal display characters selection bit 0 : OSDL enable mode 1 : OSDL disable mode 0 : 32 characters for each block (32-character mode) 1 : 42 characters for each block (42-character mode) Nothing is assigned. In an attempt to write to these bits, write “0.” The value, if read, turns out to be “0.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |