| Electronic Components Datasheet Search |
|
M306V2EEFS Datasheet(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS Datasheet(HTML) 206 Page - Renesas Technology Corp |
|
206 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 206 of 269 M306V2ME-XXXFP, M306V2EEFP 2.16.7 Character Color As shown in Figure 2.16.26, there are 16 built-in color codes. Color palette 0 is fixed at transparent, and color palette 8 is fixed at black. The remaining 14 colors can be set to any of the 512 colors available. The setting procedure for character colors is as follows: • CC mode ........................................ 8 kinds Color palette selection range (color palettes 0 to 7 or 8 to 15) can be selected by bit 0 of the OSD control register 3 (address 020716). Color palettes are set by bits RC11 to RC13 of the OSD RAM from among the selection range. • OSDS/L/P mode ........................... 16 kinds Color palettes are set by bits RC11 to RC14 of the OSD RAM. • CDOSD mode ............................... 16 kinds Color palettes are set in dot units according to CD font data. Only in CDOSD mode, a dot which selects color palette 0 or 8 is colored to the color palette set by RC13 to RC16 of OSD RAM in character units (refer to Figure 2.16.28). • SPRITE display ............................ 16 kinds Color palettes are set in dot units according to the CD font data. Notes 1: Color palette 8 is always selected for bordering and solid space output (OUT 1 output) regardless of the set value in the register. 2: Color palette 0 (transparent) and the transparent setting of other color palettes will differ. When there are multiple layers overlapping (on top of each other, piled up), and the priority layer is color palette 0 (transparent), the bottom layer is displayed, but if the priority layer is the transparent setting of any other color palette, the background is displayed without displaying the bottom layer (refer to Figure 2.16.28). 2.16.8 Character Background Color The display area around the characters can be colored in with a character background color. Character background colors are set in character units. • CC mode ........................................ 4 kinds Color palette selection range (color codes 0 to 3, 4 to 7, 8 to 11, or 12 to 15) can be selected by bits 1 and 2 of the OSD control register 3 (address 020716). Color palettes are set by bits RC20 and RC21 of the OSD RAM from among the selection range. • OSDS/L/P mode ........................... 16 kinds Color palettes are set by bits RC15, RC16, RC20, and RC21 of the OSD RAM. Note: The character background is displayed in the following part: (character display area) – (character font) – (border). Accordingly, the character background color and the color signal for these two sections cannot be mixed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |