Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 211Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 212Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 213Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 214Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 215Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 216Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 217Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 218Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 215 of 269
M306V2ME-XXXFP, M306V2EEFP
(4) Border
The border is output in the OSDS/P mode. The all bordered (bordering around of character font) and
the shadow bordered (bordering right and bottom sides of character font) are selected (refer to Figure
2.16.34) by bit 2 of the OSD control register 1 (refer to Figure 2.16.3). The ON/OFF switch for borders
can be controlled in block units by bits 0 to 2 of the block control register i (refer to Figure 2.16.4).
The OUT1 signal is used for border output. The border color is fixed at color palette 8 (block). The
border color for each screen is specified by the border color register i.
The horizontal size (x) of border is 1TC (OSD clock cycle divided in the pre-divide circuit) regardless of
the character font dot size. However, only when the pre-divide ratio = 2 and character size = 1.5TC, the
horizontal size is 1.5TC. The vertical size (y) different depending on the screen scan mode and the
vertical dot size of character font.
Notes 1 : The border dot area is the shaded area as shown in Figure 2.16.36.
2 : When the border dot overlaps on the next character font, the character font has priority
(refer to Figure 2.16.37 A). When the border dot overlaps on the next character back
ground, the border has priority (refer to Figure 2.16.37 B).
3 : The border in vertical out of character area is not displayed (refer to Figure 2.16.38).
Figure 2.16.34 Example of border display
Figure 2.16.35 Horizontal and vertical size of border
All bordered
Shadow bordered
y
x
1/2H
1H, 2H, 3H
1/2H, 1H, 2H, 3H
1/2H
1H
1H
Vertical dot size of
character font
Border
dot size
Scan mode
Horizontal size (x)
Vertical size (y)
Normal scan mode
Bi-scan mode
1TC (OSD clock cycle divided in pre-divide circuit)
1.5TC when selecting 1.5TC for character size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com