Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 242Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 243Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 244Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 245Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 246Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 247Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 244 of 269
M306V2ME-XXXFP, M306V2EEFP
Table 2.17.1 Example connection of unused pins in single-chip mode
Table 2.17.2 Example connection of unused pins in memory expansion mode and microprocessor
mode
Pin nameConnection
Ports P0 to P10
XOUT (Note)
BYTE
AVCC
After setting for input mode, connect every pin to VSS or VCC via a
resistor; or after setting for output mode, leave these pins open.
Open
Connect to VCC
Connect to VSS
Note: With external clock input to XIN pin.
CNVSS
Connect via resistor to VSS (pull-down)
Pin name
Connection
Ports P6 to P10
AVCC
After setting for input mode, connect every pin to VSS or VCC via a
resistor; or after setting for output mode, leave these pins open.
Open
Connect to VCC
Note: With external clock input to XIN pin.
HOLD, RDY
Connect via resistor to VCC (pull-up)
BHE, ALE, HLDA,
XOUT(Note), BCLK
P45/CS1 to P47/CS3Sets ports to input mode, sets bits CS1 through CS3 to “0,” and
connects to Vcc via resistors (pull-up).
CNVSS
Connect via resistor to VSS (pull-down) in the memory expansion mode.
Connect via resistor to VCC (pull-up) in the microprocessor mode.
Figure 2.17.18 Example connection of unused pins
Port P0 to P10
(Input mode)
·
·
·
(Input mode)
(Output mode)
XOUT
AVCC
BYTE
Microcomputer
VCC
VSS
In single-chip mode
Port P6 to P10
(Input mode)
·
·
·
(Input mode)
(Output mode)
XOUT
Open
Microcomputer
VCC
AVCC
VSS
In memory expansion mode or
in microprocessor mode
HOLD
RDY
ALE
BCLK
BHE
HLDA
Open
Open
Open
·
·
·
·
·
·
Port P45/CS1
to P47/CS3
0.47
µF
CNVSS
0.47
µF
CNVSS (memory expansion mode)
CNVSS (microprocessor mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com