Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 247Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 248Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 249Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 250Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 251Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 252Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 253Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 254Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 251 of 269
M306V2ME-XXXFP, M306V2EEFP
Table 5.2.1 Recommended operating conditions (referenced to VCC = 4.5 V to 5.5 V at Ta = – 10 oC
to 70 oC unless otherwise specified)
4.5
5.5
Typ.
Max.
Unit
Parameter
Vcc
5.0
Supply voltage (Note 3)
Symbol
Min
Standard
Analog supply voltage (Note 3)
Vcc
AVcc
V
V
0
Supply
voltage
VIH
Vss
0.8Vcc
V
Vcc
HIGH input voltage
V
P31 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P70 to P77, P82, P83, P86, P87,
P90 to P94, P100 to P107, HLF, VHOLD, CVIN,
TVSETB, XIN, OSC1, RESET, CNVSS, BYTE
VIL
VIH
V
V
V
0.8Vcc
0.5Vcc
Vcc
Vcc
0.2Vcc
VIH
0
HIGH input voltage
LOW input voltage
HIGH input voltage
P00 to P07, P10 to P17, P20 to P27, P30
(during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
(data input function during memory expansion
and microprocessor modes)
P31 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P70 to P77, P82, P83, P86, P87,
P90 to P94, P100 to P107, XIN, OSC1, RESET,
CNVSS, BYTE
I OH (avg)
HIGH average output
current
mA
mA
V
V
0.2Vcc
0
0
VIL
LOW input voltage
LOW input voltage
VIL
0.16Vcc
IOH (peak)
HIGH peak output
current
–5.0
–10.0
LOW peak output
current
10.0
6.0
mA
f (XIN)
Main clock input oscillation
frequency
MHz
LOW average output
current
I OL (peak)
mA
I OL (avg)
10
f (XcIN)
Sub-clock oscillation frequency
kHz
50
32.768
P00 to P07, P10 to P17, P20 to P27, P30
(during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
(data input function during memory expansion
and microprocessor modes)
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P63,
P73 to P77, P82, P83, P86, P87, P90 to P92,
P100 to P107, R, G, B, OUT1, OUT2
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P63, P67, P72 to P77,
P82, P83, P86, P87, P90 to P94, P100 to P107, R, G, B,
OUT1, OUT2
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P63, P72 to P77,
P82, P83, P86, P87, P90 to P94, P100 to P107, R, G, B,
OUT1, OUT2
P67, P70 to P72, P93, P94
fOSC
Oscillation frequency (for OSD)
OSC1
MHz
27.0
11.0
f CVIN
Input frequency
kHz
16.206
15.743
LC oscillating mode
Ceramic oscillating mode
15.0
VI
Input amplitude video signal
Horizontal sync. signal of video signal
CVIN
15.262
V
2.5
2.0
1.5
27.0
Notes 1: The mean output current is the mean value within 100 ms.
2: The total IOL (peak) for ports P0, P1, P2, P86, P87, P9, and P10 must be 80 mA max. The total IOH (peak) for ports
P0, P1, P2, P86, P87, P9, and P10 must be 80 mA max. The total IOL (peak) for ports P3, P4, P5, P6, P7, P82
and P83 must be 80 mA max. The total IOH (peak) for ports P3, P4, P5, P6, P72 to P77, P82 and P83 must be
80 mA max.
3: Connect 0.1 mF or more capacitor externally between the power source pins VCC–VSS and AVCC–VSS so as to
reduce power source noise. Also connect 0.1 mF or more capacitor externally between the power source pins
VCC–CNVSS
5.0
LOW average output
current
mA
I OL (avg)
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P63, P67,
P72 to P77, P82, P83, P86, P87, P90 to P94,
P100 to P107, R, G, B, OUT1, OUT2
5.2 Recommended Operating Conditions
Rev. 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com