Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1943 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1943
Description  Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1943 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1943 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1943 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1943 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1943 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1943 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1943
2004-07-07
1
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SA1943
Power Amplifier Applications
• High collector voltage: VCEO = −230 V (min)
• Complementary to 2SC5200
• Recommended for 100-W high-fidelity audio frequency amplifier
output stage.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−230
V
Collector-emitter voltage
VCEO
−230
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−15
A
Base current
IB
−1.5
A
Collector power dissipation
(Tc = 25°C)
PC
150
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −230 V, IE = 0
−5.0
µA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−5.0
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −50 mA, IB = 0
−230
V
hFE (1)
(Note)
VCE = −5 V, IC = −1 A
55
160
DC current gain
hFE (2)
VCE = −5 V, IC = −7 A
35
60
Collector-emitter saturation voltage
VCE (sat)
IC = −8 A, IB = −0.8 A
−1.5
−3.0
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −7 A
−1.0
−1.5
V
Transition frequency
fT
VCE = −5 V, IC = −1 A
30
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
360
pF
Note: hFE (1) classification R: 55 to 110, O: 80 to 160
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F1A
Weight: 9.75 g (typ.)


Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
JILIN SINO-MICROELECTRO...
2SA1943 JSMC-2SA1943 Datasheet
501Kb / 8P
   Power Amplifier Applications
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
   POWER AMPLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
2SA1943 FOSHAN-2SA1943 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com