Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2149YV Datasheet(PDF) 932 Page - Renesas Technology Corp

Part # HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Datasheet(HTML) 932 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 928Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 929Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 930Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 931Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 932Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 933Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 934Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 935Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 936Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 904 of 1044
REJ09B0280-0300
SIRQCR1—SERIRQ Control Register 1
H'FE37
HIF (LPC)
7
IRQ11E3
0
R/W
—
6
IRQ10E3
0
R/W
—
5
IRQ9E3
0
R/W
—
4
IRQ6E3
0
R/W
—
3
IRQ11E2
0
R/W
—
0
IRQ6E2
0
R/W
—
2
IRQ10E2
0
R/W
—
1
IRQ9E2
0
R/W
—
Bit
Initial value
Slave Read/Write
Host Read/Write
HIRQ6 interrupt enable 2
0
HIRQ6 interrupt request by OBF2 and IRQ6E2 is disabled
[Clearing conditions]
• Writing 0 to IRQ6E2
• LPC hardware reset, LPC software reset
• Clearing OBF2 to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ6 interrupt request by setting OBF2 to 1 is enabled
[When IEDIR = 1]
HIRQ6 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ6E2 = 0
HIRQ9 interrupt enable 2
0
HIRQ9 interrupt request by OBF2 and IRQ9E2 is disabled
[Clearing conditions]
• Writing 0 to IRQ9E2
• LPC hardware reset, LPC software reset
• Clearing OBF2 to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ9 interrupt request by setting OBF2 to 1 is enabled
[When IEDIR = 1]
HIRQ9 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ9E2 = 0
HIRQ10 interrupt enable 2
0
HIRQ10 interrupt request by OBF2 and IRQ10E2 is disabled
[Clearing conditions]
• Writing 0 to IRQ10E2
• LPC hardware reset, LPC software reset
• Clearing OBF2 to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ10 interrupt request by setting OBF2 to 1 is enabled
[When IEDIR = 1]
HIRQ10 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ10E2 = 0
HIRQ11 interrupt enable 2
0
HIRQ11 interrupt request by OBF2 and IRQ11E2 is disabled
[Clearing conditions]
• Writing 0 to IRQ11E2
• LPC hardware reset, LPC software reset
• Clearing OBF2 to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ11 interrupt request by setting OBF2 to 1 is enabled
[When IEDIR = 1]
HIRQ11 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ11E2 = 0
HIRQ6 interrupt enable 3
0
HIRQ6 interrupt request by OBF3A and IRQ6E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ6E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ6 interrupt request by setting OBF3A to 1 is enabled
[When IEDIR = 1]
HIRQ6 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ6E3 = 0
HIRQ9 interrupt enable 3
0
HIRQ9 interrupt request by OBF3A and IRQ9E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ9E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ9 interrupt request by setting OBF3A to 1 is enabled
[When IEDIR = 1]
HIRQ9 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ9E3 = 0
HIRQ10 interrupt enable 3
0
HIRQ10 interrupt request by OBF3A and IRQ10E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ10E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ10 interrupt request by setting OBF3A to 1 is enabled
[When IEDIR = 1]
HIRQ10 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ10E3 = 0
HIRQ11 interrupt enable 3
0
HIRQ11 interrupt request by OBF3A and IRQ11E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ11E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR = 0)
1
[When IEDIR = 0]
HIRQ11 interrupt request by setting OBF3A to 1 is enabled
[When IEDIR = 1]
HIRQ11 interrupt is requested
[Setting condition]
• Writing 1 after reading IRQ11E3 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com