Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 362Page - Renesas Technology Corp H8SX1663 Datasheet HTML 363Page - Renesas Technology Corp H8SX1663 Datasheet HTML 364Page - Renesas Technology Corp H8SX1663 Datasheet HTML 365Page - Renesas Technology Corp H8SX1663 Datasheet HTML 366Page - Renesas Technology Corp H8SX1663 Datasheet HTML 367Page - Renesas Technology Corp H8SX1663 Datasheet HTML 368Page - Renesas Technology Corp H8SX1663 Datasheet HTML 369Page - Renesas Technology Corp H8SX1663 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 314 of 1102
REJ09B0294-0100
6.17
Bus Controller Operation in Reset
In a reset, this LSI, including the bus controller, enters the reset state immediately, and any
executing bus cycle is aborted.
6.18
Usage Notes
(1) Setting Registers
The BSC registers must be specified before accessing the external address space. In on-chip ROM
disabled mode, the BSC registers must be specified before accessing the external address space for
other than an instruction fetch access.
(2) Mode Settings
The burst read-burst write mode of synchronous DRAM is not supported.
When setting the mode register of synchronous DRAM, the burst read-single write mode must be
selected and the burst length must be 1.
(3) External Bus Release Function and All-Module-Clock-Stop Mode
In this LSI, if the ACSE bit in MSTPCRA is set to 1 and a SLEEP instruction is executed to enter
the sleep state after shutting off the clocks to all peripheral modules (MSTPCRA and MSTPCRB
= H'FFFFFFF) or allowing operation of the 8-bit timer module alone (MSTPCRA and MSTPCRB
= H'F[C to F]FFFFFF), the all-module-clock-stop mode is entered in which the clock for the bus
controller and I/O ports is also stopped. For details, see section 23, Power-Down Modes.
In this state, the external bus release function is halted. To use the external bus release function in
sleep mode, the ACSE bit in MSTPCR must be cleared to 0. Conversely, if a SLEEP instruction to
place the chip in all-module-clock-stop mode is executed in the external bus released state, the
transition to all-module-clock-stop mode is deferred and performed until after the bus is
recovered.
(4) External Bus Release Function and Software Standby Mode
In this LSI, internal bus master operation does not stop even while the bus is released, as long as
the program is running in on-chip ROM, etc., and no external access occurs. If a SLEEP
instruction to place the chip in software standby mode is executed while the external bus is
released, the transition to software standby mode is deferred and performed after the bus is
recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com