Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 414Page - Renesas Technology Corp H8SX1663 Datasheet HTML 415Page - Renesas Technology Corp H8SX1663 Datasheet HTML 416Page - Renesas Technology Corp H8SX1663 Datasheet HTML 417Page - Renesas Technology Corp H8SX1663 Datasheet HTML 418Page - Renesas Technology Corp H8SX1663 Datasheet HTML 419Page - Renesas Technology Corp H8SX1663 Datasheet HTML 420Page - Renesas Technology Corp H8SX1663 Datasheet HTML 421Page - Renesas Technology Corp H8SX1663 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 366 of 1102
REJ09B0294-0100
(5) DTE Bit in DMDR
Although the DTE bit in DMDR enables or disables data transfer by the CPU write access, it is
automatically cleared to 0 according to the DMA transfer state by the DMAC.
The conditions for clearing the DTE bit by the DMAC are as follows:
• When the total size of transfers is completed
• When a transfer is completed by a transfer size error interrupt
• When a transfer is completed by a repeat size end interrupt
• When a transfer is completed by an extended repeat area overflow interrupt
• When a transfer is stopped by an NMI interrupt
• When a transfer is stopped by and address error
• Reset state
• Hardware standby mode
• When a transfer is stopped by writing 0 to the DTE bit
Writing to the registers for the channels when the corresponding DTE bit is set to 1 is prohibited
(except for the DTE bit). When changing the register settings after writing 0 to the DTE bit,
confirm that the DTE bit has been cleared to 0.
Figure 7.21 show the procedure for changing the register settings for the channel being
transferred.
Read DTE bit
Write 0 to DTE bit
Change register settings
DTE = 0?
[1]
[2]
[3]
[4]
No
Yes
Changing register settings
of channel during operation
End of changing
register settings
[1] Write 0 to the DTE bit in DMDR.
[2] Read the DTE bit.
[3] Confirm that DTE = 0. DTE = 1
indicates that DMA is transferring.
[4] Write the desired values to the
registers.
Figure 7.21 Procedure for Changing Register Setting For Channel being Transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com