Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 433Page - Renesas Technology Corp H8SX1663 Datasheet HTML 434Page - Renesas Technology Corp H8SX1663 Datasheet HTML 435Page - Renesas Technology Corp H8SX1663 Datasheet HTML 436Page - Renesas Technology Corp H8SX1663 Datasheet HTML 437Page - Renesas Technology Corp H8SX1663 Datasheet HTML 438Page - Renesas Technology Corp H8SX1663 Datasheet HTML 439Page - Renesas Technology Corp H8SX1663 Datasheet HTML 440Page - Renesas Technology Corp H8SX1663 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 385 of 1102
REJ09B0294-0100
7.6
DMA Transfer End
Operations on completion of a transfer differ according to the transfer end condition. DMA
transfer completion is indicated that the DTE and ACT bits in DMDR are changed from 1 to 0.
(1) Transfer End by DTCR Change from 1, 2, or 4, to 0
When DTCR is changed from 1, 2, or 4 to 0, a DMA transfer for the channel is completed. The
DTE bit in DMDR is cleared to 0 and the DTIF bit in DMDR is set to 1. At this time, when the
DTIE bit in DMDR is set to 1, a transfer end interrupt by the transfer counter is requested. When
the DTCR value is 0 before the transfer, the transfer is not stopped.
(2) Transfer End by Transfer Size Error Interrupt
When the following conditions are satisfied while the TSEIE bit in DMDR is set to 1, a transfer
size error occurs and a DMA transfer is terminated. At this time, the DTE bit in DMR is cleared to
0 and the ESIF bit in DMDR is set to 1.
• In normal transfer mode and repeat transfer mode, when the next transfer is requested while a
transfer is disabled due to the DTCR value less than the data access size
• In block transfer mode, when the next transfer is requested while a transfer is disabled due to
the DTCR value less than the block size
When the TSEIE bit in DMDR is cleared to 0, data is transferred until the DTCR value reaches 0.
A transfer size error is not generated. Operation in each transfer mode is shown below.
• In normal transfer mode and repeat transfer mode, when the DTCR value is less than the data
access size, data is transferred in bytes
• In block transfer mode, when the DTCR value is less than the block size, the specified size of
data in DTCR is transferred instead of transferring the block size of data. The transfer is
performed in bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com