Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 97Page - Renesas Technology Corp H8SX1663 Datasheet HTML 98Page - Renesas Technology Corp H8SX1663 Datasheet HTML 99Page - Renesas Technology Corp H8SX1663 Datasheet HTML 100Page - Renesas Technology Corp H8SX1663 Datasheet HTML 101Page - Renesas Technology Corp H8SX1663 Datasheet HTML 102Page - Renesas Technology Corp H8SX1663 Datasheet HTML 103Page - Renesas Technology Corp H8SX1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX1663 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 49 of 1102
REJ09B0294-0100
Table 2.7
Logic Operation Instructions
Instruction
Size
Function
AND
B/W/L
(EAd)
∧ #IMM → (EAd), (EAd) ∧ (EAs) → (EAd)
Performs a logical AND operation on data between immediate data,
general registers, and memory.
OR
B/W/L
(EAd)
∨ #IMM → (EAd), (EAd) ∨ (EAs) → (EAd)
Performs a logical OR operation on data between immediate data,
general registers, and memory.
XOR
B/W/L
(EAd)
⊕ #IMM → (EAd), (EAd) ⊕ (EAs) → (EAd)
Performs a logical exclusive OR operation on data between immediate
data, general registers, and memory.
NOT
B/W/L
∼ (EAd) → (EAd)
Takes the one's complement of the contents of a general register or a
memory location.
Table 2.8
Shift Operation Instructions
Instruction
Size
Function
SHLL
SHLR
B/W/L
(EAd) (shift)
→ (EAd)
Performs a logical shift on the contents of a general register or a memory
location.
The contents of a general register or a memory location can be shifted by
1, 2, 4, 8, or 16 bits. The contents of a general register can be shifted by
any bits. In this case, the number of bits is specified by 5-bit immediate
data or the lower 5 bits of the contents of a general register.
SHAL
SHAR
B/W/L
(EAd) (shift)
→ (EAd)
Performs an arithmetic shift on the contents of a general register or a
memory location.
1-bit or 2-bit shift is possible.
ROTL
ROTR
B/W/L
(EAd) (rotate)
→ (EAd)
Rotates the contents of a general register or a memory location.
1-bit or 2-bit rotation is possible.
ROTXL
ROTXR
B/W/L
(EAd) (rotate)
→ (EAd)
Rotates the contents of a general register or a memory location with the
carry bit.
1-bit or 2-bit rotation is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com