Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 241Page - Renesas Technology Corp H8SX1663 Datasheet HTML 242Page - Renesas Technology Corp H8SX1663 Datasheet HTML 243Page - Renesas Technology Corp H8SX1663 Datasheet HTML 244Page - Renesas Technology Corp H8SX1663 Datasheet HTML 245Page - Renesas Technology Corp H8SX1663 Datasheet HTML 246Page - Renesas Technology Corp H8SX1663 Datasheet HTML 247Page - Renesas Technology Corp H8SX1663 Datasheet HTML 248Page - Renesas Technology Corp H8SX1663 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 193 of 1102
REJ09B0294-0100
6.6.3
Basic Timing
This section describes the basic timing when the data is specified as big endian.
(1) 16-Bit 2-State Access Space
Figures 6.15 to 6.17 show the bus timing of 16-bit 2-state access space.
When accessing 16-bit access space, the upper byte data bus (D15 to D8) is used for even
addresses access, and the lower byte data bus (D7 to D0) is used for odd addresses. No wait cycles
can be inserted.
1. n = 0 to 7
2. When RDNn = 0
3. When DKC = 0
Valid
Invalid
Valid
T
1
T
2
Address
CSn
AS
RD
D15 to D8
D7 to D0
D15 to D8
D7 to D0
LHWR
LLWR
Read
Write
Notes:
High level
High-Z
B
φ
Bus cycle
BS
RD/
WR
DACK
Figure 6.15 16-Bit 2-State Access Space Bus Timing (Byte Access for Even Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com