Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 250Page - Renesas Technology Corp H8SX1663 Datasheet HTML 251Page - Renesas Technology Corp H8SX1663 Datasheet HTML 252Page - Renesas Technology Corp H8SX1663 Datasheet HTML 253Page - Renesas Technology Corp H8SX1663 Datasheet HTML 254Page - Renesas Technology Corp H8SX1663 Datasheet HTML 255Page - Renesas Technology Corp H8SX1663 Datasheet HTML 256Page - Renesas Technology Corp H8SX1663 Datasheet HTML 257Page - Renesas Technology Corp H8SX1663 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 202 of 1102
REJ09B0294-0100
6.6.6
Extension of Chip Select (
CS) Assertion Period
Some external I/O devices require a setup time and hold time between address and
CS signals and
strobe signals such as
RD, LHWR, and LLWR.
Settings can be made in CSACR to insert cycles in which only the
CS, AS, and address signals are
asserted before and after a basic bus space access cycle. Extension of the
CS assertion period can
be set in area units. With the
CS assertion extension period in write access, the data setup and hold
times are less stringent since the write data is output to the data bus.
Figure 6.23 shows an example of the timing when the
CS assertion period is extended in basic bus
3-state access space.
Both extension cycle Th inserted before the basic bus cycle and extension cycle Tt inserted after
the basic bus cycle, or only one of these, can be specified for individual areas. Insertion or non-
insertion can be specified for the Th cycle with the upper eight bits (CSXH7 to CSXH0) in
CSACR, and for the Tt cycle with the lower eight bits (CSXT7 to CSXT0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com