Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 288Page - Renesas Technology Corp H8SX1663 Datasheet HTML 289Page - Renesas Technology Corp H8SX1663 Datasheet HTML 290Page - Renesas Technology Corp H8SX1663 Datasheet HTML 291Page - Renesas Technology Corp H8SX1663 Datasheet HTML 292Page - Renesas Technology Corp H8SX1663 Datasheet HTML 293Page - Renesas Technology Corp H8SX1663 Datasheet HTML 294Page - Renesas Technology Corp H8SX1663 Datasheet HTML 295Page - Renesas Technology Corp H8SX1663 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 240 of 1102
REJ09B0294-0100
RAS
UCAS
LCAS
WE
OE
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D15 to D0
RAS
LUCAS
LLCAS
WE
RD (OE)
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
D15 to D0
This LSI
(Address shifted by 11 bits)
Two CAS signals used 64-Mbit DRAM
(4 Mwords
× 16 bits)
11-bit column address
Row address input:
A10 to A0
Column address input: A10 to A0
Figure 6.47 Example of Connection for Control with Two CAS Signals
6.10.11
Burst Access Operation
Besides an accessing method in which this LSI outputs a row address every time it accesses the
DRAM (called full access or normal access), some DRAMs have a fast-page mode function in
which fast speed access can be achieved by modifying only a column address with the same row
address output (burst access) when consecutive accesses are made to the same row address.
(1) Burst Access (Fast-Page Mode) Operation Timing
Figures 6.48 and 6.49 show operation timing of the fast-page mode.
When access cycles to the DRAM space are continued and the row addresses of the consecutive
two cycles are the same, output cycles of the CAS and column address signals follow. The row
address bits to be compared are decided by bits MXC1 and MXC0 in DRAMCR.
Wait cycles can be inserted during a burst access. The method and timing of the wait insertion are
the same as that of full access mode. For details, see section 6.10.9, Wait Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com