Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 299Page - Renesas Technology Corp H8SX1663 Datasheet HTML 300Page - Renesas Technology Corp H8SX1663 Datasheet HTML 301Page - Renesas Technology Corp H8SX1663 Datasheet HTML 302Page - Renesas Technology Corp H8SX1663 Datasheet HTML 303Page - Renesas Technology Corp H8SX1663 Datasheet HTML 304Page - Renesas Technology Corp H8SX1663 Datasheet HTML 305Page - Renesas Technology Corp H8SX1663 Datasheet HTML 306Page - Renesas Technology Corp H8SX1663 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 251 of 1102
REJ09B0294-0100
(3) Refresh and All-Module Clock Stop Mode
This LSI is entered in all-module clock stop mode by the following operation: Stop the clocks of
all on-chip peripheral modules by setting the ACSE bit in MSTPCR to 1 (MSTPCRA, MSTPCRB
= H'FFFFFFFF) or run only the 8-bit timer (MSTPCRA, MSTPCRB = H'F[C to F]FFFFFF), then
execute the SLEEP instruction to enter the sleep mode.
In all-module clock stop mode, clocks for the bus controller and I/O ports are stopped. Since the
clock for the bus controller is stopped, a CBR refresh cycle cannot be performed. When external
DRAM is used and the contents of the DRAM in sleep mode should be held, clear the ACSE bit in
MSTPCE to 0.
For details, see section 23.2.2, Module Stop Control Registers A and B (MSTPCR and
MSTPCRB).
6.10.13
DRAM Interface and Single Address Transfer by DMAC
When fast-page mode (BE = 1) is set for the DRAM space, either fast-page access or full access
can be selected, by the setting of bit DDS in DRAMCR, for the single address transfer by the
DMAC where the DRAM space is specified as the transfer source or destination. At the same
time, the output timing of the
DACK and BS signals is changed. When BE = 0, full access to the
DRAM space is performed by single address transfer regardless of the setting of bit DDS.
However, the output timing of the
DACK and BS signals can be changed by the setting of bit
DDS.
The assertion timing of the
DACK signal can be changed by bit DKC in BCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com