Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 305Page - Renesas Technology Corp H8SX1663 Datasheet HTML 306Page - Renesas Technology Corp H8SX1663 Datasheet HTML 307Page - Renesas Technology Corp H8SX1663 Datasheet HTML 308Page - Renesas Technology Corp H8SX1663 Datasheet HTML 309Page - Renesas Technology Corp H8SX1663 Datasheet HTML 310Page - Renesas Technology Corp H8SX1663 Datasheet HTML 311Page - Renesas Technology Corp H8SX1663 Datasheet HTML 312Page - Renesas Technology Corp H8SX1663 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 257 of 1102
REJ09B0294-0100
6.11.5
Basic Timing
Figures 6.60 and 6.61 show a basic access timing of the SDRAM space.
A basic read cycle consists of five clock cycles: one precharge cycle (Tp), one row address output
cycle (Tr), and three column address output cycles (Tc1, Tcl, and Tc2).
A basic write cycle consists of four clock cycles: one precharge cycle (Tp), one row address
output cycle (Tr), and two column address output cycles (Tc1 and Tc2).
When the SDRAM space is selected, the WAITE bit in BCR, the RAST and CAST bits in
DRAMCR, bits RCW1 and RCW0 in REFCR are ignored.
Tp
Tr
Tc1
Tcl
Tc2
Address bus
Row address
Column address
SD
φ
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
READ
NOP
DQMLU
DQMLL
D7 to D0
BS
RD/
WR
D15 to D8
Row
address
Figure 6.60 SDRAM Basic Read Access Timing (CAS Latency = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com