Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 320Page - Renesas Technology Corp H8SX1663 Datasheet HTML 321Page - Renesas Technology Corp H8SX1663 Datasheet HTML 322Page - Renesas Technology Corp H8SX1663 Datasheet HTML 323Page - Renesas Technology Corp H8SX1663 Datasheet HTML 324Page - Renesas Technology Corp H8SX1663 Datasheet HTML 325Page - Renesas Technology Corp H8SX1663 Datasheet HTML 326Page - Renesas Technology Corp H8SX1663 Datasheet HTML 327Page - Renesas Technology Corp H8SX1663 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 272 of 1102
REJ09B0294-0100
(2) RAS Down Mode
Set the RCDM and BE bits in DRAMCR to 1 to make a transition to the RAS down mode. The
RCDM bit is enabled only when the BE bit is set to 1.
Even if the fast-page mode is selected, the DRAM space is not consecutively accessed and other
spaces may be accessed. The
RAS signal can be held low during other space accesses. Similarly to
the DRAM RAS down mode, the READ or WRIT command can be issued without the ACTV
command. However, two DQM cycles are always inserted for a SDRAM read cycle.
Figures 6.74 and 6.75 show a timing example of RAS down mode.
The next cycle after one of the following conditions is satisfied is a full access cycle.
• When a refresh cycle is performed during RAS down mode
• When a self-refresh is performed
• When a transition to software standby mode is made
• When the external bus requested by the BREQ signal is released
• When either the RCDM or BE bit is cleared to 0
• When setting the SDRAM mode register
Some SDRAMs have a limitation on the time to hold each bank active. When such SDRAM is in
use, if the user program cannot control the time (such as software standby or sleep mode), select
the auto-refresh or self-refresh so that the given specification can be satisfied. If a refresh cycle is
not used, the user program must control the time.
Clear the RCDM bit to 0 for write access to SCKCR to set the clock frequencies. For SCKCR, see
section 22, Clock Pulse Generator.
(3) RAS Up Mode
Clear the RCDM bit in DRAMCR to 0 to set the RAS up mode.
Whenever a SDRAM space access is halted and other spaces are accessed, the next cycle is the
PALL command cycle. Only when the SDRAM space continues to be accessed, the fast-page
mode access is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com