Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433635SW Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 235Page - Renesas Technology Corp HD6433635SW Datasheet HTML 236Page - Renesas Technology Corp HD6433635SW Datasheet HTML 237Page - Renesas Technology Corp HD6433635SW Datasheet HTML 238Page - Renesas Technology Corp HD6433635SW Datasheet HTML 239Page - Renesas Technology Corp HD6433635SW Datasheet HTML 240Page - Renesas Technology Corp HD6433635SW Datasheet HTML 241Page - Renesas Technology Corp HD6433635SW Datasheet HTML 242Page - Renesas Technology Corp HD6433635SW Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 418 page
background image
225
Receive Data Register (RDR)
Bit
76543210
RDR7
RDR6
RDR5
RDR4
RDR3
RDR2
RDR1
RDR0
Initial value
00000000
Read/Write
RRRRRRRR
The receive data register (RDR) is an 8-bit register for storing received serial data.
Each time a byte of data is received, the received data is transferred from the receive shift register
(RSR) to RDR, completing a receive operation. Thereafter RSR again becomes ready to receive
new data. RSR and RDR form a double buffer mechanism that allows data to be received
continuously.
RDR is exclusively for receiving data and cannot be written by the CPU.
RDR is initialized to H'00 upon reset or in standby mode, watch mode, subactive mode, or
subsleep mode.
Transmit Shift Register (TSR)
Bit
76543210
Read/Write
————————
The transmit shift register (TSR) is for transmitting serial data.
Transmit data is first transferred from the transmit data register (TDR) to TSR, then is transmitted
from pin TXD, starting from the LSB (bit 0).
After one byte of data has been sent, the next byte is automatically transferred from TDR to TSR,
and the next transmission begins. If no data has been written to TDR (1 is set in TDRE), there is
no data transfer from TDR to TSR.
TSR cannot be read or written directly by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com