Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C/15 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 185Page - Renesas Technology Corp R8C/15 Datasheet HTML 186Page - Renesas Technology Corp R8C/15 Datasheet HTML 187Page - Renesas Technology Corp R8C/15 Datasheet HTML 188Page - Renesas Technology Corp R8C/15 Datasheet HTML 189Page - Renesas Technology Corp R8C/15 Datasheet HTML 190Page - Renesas Technology Corp R8C/15 Datasheet HTML 191Page - Renesas Technology Corp R8C/15 Datasheet HTML 192Page - Renesas Technology Corp R8C/15 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 277 page
background image
R8C/14 Group, R8C/15 Group
16. A/D Converter
Rev.2.10
Jan 19, 2006
Page 177 of 253
REJ09B0164-0210
16.5
Internal Equivalent Circuit of Analog Input
Figure 16.8 shows the Internal Equivalent Circuit of Analog Input.
Figure 16.8
Internal Equivalent Circuit of Analog Input
VCC
Parasitic Diode
Chopper-type
Amplifier
A/D Successive
Conversion Register
Comparison
voltage
b1
b2
b0
VCC VSS
AN8
VSS
i=4
AN11
VREF
AVSS
Vref
Comparison reference voltage
(Vref) generator
SW1
SW2
AVCC
AMP
SW3
AVSS
VIN
SW4
SW2
SW1
Parasitic Diode
ON Resistor
Approx. 2k
Ω Wiring Resistor
Approx. 0.2k
Ω
ON Resistor
Approx. 0.6k
Ω
ON Resistor
Approx. 2k
Ω Wiring Resistor
Approx. 0.2k
Ω
i Ladder-type
Switches
A/D Control Register 0
ON Resistor
Approx. 0.6k f
Analog Input
Voltage
Sampling
Control Signal
ON Resistor
Approx. 5k
Ω
C = Approx.1.5pF
A/D Conversion
Interrupt Request
SW1 conducts only on the ports selected for analog input.
SW2 and SW3 are open when A/D conversion is not in progress;
their status varies as shown by the waveforms in the diagrams on the left.
SW4 conducts only when A/D conversion is not in progress.
Control signal
for SW2
Control signal
for SW3
Sampling Comparison
Connect to
Connect to
Connect to
Connect to
NOTES:
1. Use only as a standard for designing this data.
Mass production may cause some changes in device characteristics.
i Ladder-type
Wiring Resistors
Resistor
ladder
Reference
Control Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com