Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38049FFHKP Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 218Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 219Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 220Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 221Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 222Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 223Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 224Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 225Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 387 page
background image
2-98
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.5.6 SMBUS communication usage example
This clause explains a SMBUS communication control example using the I2C-BUS. This is a control example
as the master device and the slave device in the Read Word protocol of SMBUS protocol.
The following is a communication example of the “Voltage () command” of the Smart battery data.
Communication specifications:
•Communication frequency = 100 kHz
•Slave address of itself, battery, = “0001011X2” (X means the read/write bit)
•Slave address of communication destination, host, = “0001000X2” (X means the read/write bit)
•Voltage () command = “0916”
•Voltage value of acknowledgment = “2EE016” (12000 mV)
•The communication process is performed in the interrupt process. However, the main process performs
an occurrence of the first START condition and a slave address set.
•A communication buffer is established. Data transfer between the main process and the interrupt process
is performed through the communication buffer.
(1)
Initial setting
Figure 2.5.20 shows an initial setting example using SMBUS communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com