Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38046F7HKP Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # M38046F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046F7HKP Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button M38046F7HKP Datasheet HTML 334Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 335Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 336Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 337Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 338Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 339Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 340Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 341Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 387 page
background image
3-48
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
Fig. 3.4.9 Setup for I/O ports
3.4.5 Setup for I/O ports
Setup I/O ports using hardware and software as follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an I/O port in series.
<Software>
• As for an input port, read data several times by a program for checking whether input levels are
equal or not.
• As for an output port, since the output data may reverse because of noise, rewrite data to its port
latch at fixed periods.
• Rewrite data to direction registers and pull-up control registers at fixed periods.
(3)
Oscillator protection using VSS pattern
As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the
position (on the component side) where an oscillator is mounted.
Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides,
separate this VSS pattern from other VSS patterns.
Fig. 3.4.8 VSS pattern on the underside of an oscillator
XIN
XOUT
VSS
An example of VSS patterns on the
underside of a printed circuit board
Oscillator wiring
pattern example
Separate the VSS line for oscillation from other VSS lines
Direction register
Port latch
Data bus
I/O port
pins
Noise
Noise
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com