Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38046F7HKP Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # M38046F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046F7HKP Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button M38046F7HKP Datasheet HTML 317Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 318Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 319Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 320Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 321Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 322Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 323Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 324Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 387 page
background image
3-31
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
(4)
Programmable waveform generating mode
q Set the double-function port of the CNTR2 pin and port P47 to output.
(5)
Programmable one-shot generating mode
q Set the double-function port of CNTR2 pin and port P47 to output, and of INT1 pin and port P42 to
input in this mode.
q This mode cannot be used in low-speed mode.
q If the value of the CNTR2 active edge switch bit is changed during one-shot generating enabled
or generating one-shot pulse, then the output level from CNTR2 pin changes.
(6)
All modes
qTimer Z write control
Which write control can be selected by the timer Z write control bit (bit 3) of the timer Z mode
register (address 002A16), writing data to both the latch and the timer at the same time or writing
data only to the latch.
When the operation “writing data only to the latch” is selected, the value is set to the timer latch
by writing data to the address of timer Z and the timer is updated at next underflow. After reset
release, the operation “writing data to both the latch and the timer at the same time” is selected,
and the value is set to both the latch and the timer at the same time by writing data to the address
of timer Z.
In the case of writing data only to the latch, if writing data to the latch and an underflow are
performed almost at the same time, the timer value may become undefined.
qTimer Z read control
A read-out of timer value is impossible in pulse period measurement mode and pulse width measurement
mode. In the other modes, a read-out of timer value is possible regardless of count operating or
stopped.
However, a read-out of timer latch value is impossible.
qSwitch of interrupt active edge of CNTR2 and INT1
Each interrupt active edge depends on setting of the CNTR2 active edge switch bit and the INT1
active edge selection bit.
qSwitch of count source
When switching the count source by the timer Z count source selection bits, the value of timer
count is altered in inconsiderable amount owing to generating of thin pulses on the count input
signals.
Therefore, select the timer count source before setting the value to the prescaler and the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com