Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38047F7HKP Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # M38047F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047F7HKP Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button M38047F7HKP Datasheet HTML 133Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 134Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 135Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 136Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 137Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 138Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 139Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 140Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 387 page
background image
2-13
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.2.4 Interrupt operation
When an interrupt request is accepted, the contents of the following registers just before acceptance of the
interrupt requests are automatically pushed onto the stack area in the order of ➀, ➁ and ➂.
➀High-order contents of program counter (PCH)
➁Low-order contents of program counter (PCL)
➂Contents of processor status register (PS)
After the contents of the above registers are pushed onto the stack area, the accepted interrupt vector
address enters the program counter and consequently the interrupt processing routine is executed.
When the RTI instruction is executed at the end of the interrupt processing routine, the contents of the
above registers pushed onto the stack area are restored to the respective registers in the order of ➂, ➁
and ➀; and the microcomputer resumes the processing executed just before acceptance of the interrupts.
Figure 2.2.8 shows an interrupt operation diagram.
Fig. 2.2.8 Interrupt operation diagram
Interrupt occurs
(Accepting interrupt request)
·······
·······
Executing routine
Suspended
operation
Resume processing
: Operation commanded by software
: Internal operation performed automatically
Contents of program counter (high-order) are pushed onto stack
Contents of program counter (low-order) are pushed onto stack
Contents of processor status register are pushed onto stack
Contents of processor status register are popped from stack
Contents of program counter (low-order) are popped from stack
Contents of program counter (high-order) are popped from stack
RTI instruction
Interrupt
processing
routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com