Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38047F7HKP Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # M38047F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047F7HKP Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button M38047F7HKP Datasheet HTML 193Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 194Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 195Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 196Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 197Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 198Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 199Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 200Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 387 page
background image
2-73
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Control procedure :
q Control in the master unit
After setting the relevant registers shown in Figure 2.4.35, the master unit starts transmission or
reception of 1-byte data by writing transmission data to the transmit buffer register.
To perform the communication in the timing shown in Figure 2.4.34, take the timing into account
and write transmission data. Additionally, read out the reception data when the serial I/O1 transmit
interrupt request bit is set to “1,” or before the next transmission data is written to the transmit
buffer register.
Figure 2.4.36 shows a control procedure of the master unit using timer interrupts.
Fig. 2.4.36 Control procedure of master unit
Interrupt processing routine
executed every 488
µs
Write a transmission data
Read a reception data
N
Within a block transfer
period?
Y
Y
Complete to transfer a
block?
N
RTI
Write the first transmission data
(first byte) in a block
Count a block interval counter
N
Start a block transfer?
Y
Generate a certain block interval by
using a timer or other functions.
Check the block interval counter and
determine to start a block transfer.
q
q
CLT (Note 1)
CLD (Note 2)
Push register to stack
Note 1: When using the Index X mode flag (T).
Note 2: When using the Decimal mode flag (D).
Push the register used in the interrupt
processing routine into the stack.
q
Pop registers
Pop registers which is pushed to stack.
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com