Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38047F7HKP Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # M38047F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047F7HKP Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button M38047F7HKP Datasheet HTML 230Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 231Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 232Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 233Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 234Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 235Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 236Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 237Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 387 page
background image
2-110
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
➂ Reception of RESTART condition and slave address
After receiving a slave address, prepare transmission data.
Judgment whether receiving data or transmitting is required, because the mode is automatically
switched between the receive mode and the transmit mode depending on the R/W bit of the
received slave address. Accordingly, judge whether read or write referring the slave address
comparison flag (AAS bit; bit 2 of address 001316).
Fig. 2.5.31 Reception process of RESTART condition and slave address
1 (transmitted)
End
S0 (address 001116)
← lower data
Error end
AAS (address 001316), bit 2 ?
1 (STOP condition)
1 (corresponded)
S1 (address 001316)
← 000100002
TRX (address 001316), bit 6 ?
0 (not corresponded)
End
Slave receive processing, etc.
• Judgment of bus hold
• Judgment of transmit/receive mode
• Slave receive mode set
• Output lower data write to I2C data shift register
PIN (address 001316), bit 4 ?
0 (lower data received)
3
0 (received)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com