Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38048F7HKP Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # M38048F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048F7HKP Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button M38048F7HKP Datasheet HTML 335Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 336Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 337Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 338Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 339Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 340Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 341Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 342Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 387 page
background image
3-49
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
3.4.6 Providing of watchdog timer function by software
If a microcomputer runs away because of noise or others, it can be detected by a software watchdog timer
and the microcomputer can be reset to normal operation. This is equal to or more effective than program
runaway detection by a hardware watchdog timer. The following shows an example of a watchdog timer
provided by software.
In the following example, to reset a microcomputer to normal operation, the main routine detects errors of
the interrupt processing routine and the interrupt processing routine detects errors of the main routine.
This example assumes that interrupt processing is repeated multiple times in a single main routine processing.
<The main routine>
• Assigns a single byte of RAM to a software watchdog timer (SWDT) and writes the initial value
N in the SWDT once at each execution of the main routine. The initial value N should satisfy the
following condition:
N+1
≥ ( Counts of interrupt processing executed in each main routine)
As the main routine execution cycle may change because of an interrupt processing or others,
the initial value N should have a margin.
• Watches the operation of the interrupt processing routine by comparing the SWDT contents with
counts of interrupt processing after the initial value N has been set.
• Detects that the interrupt processing routine has failed and determines to branch to the program
initialization routine for recovery processing in the following case:
If the SWDT contents do not change after interrupt processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each interrupt processing.
• Determines that the main routine operates normally when the SWDT contents are reset to the
initial value N at almost fixed cycles (at the fixed interrupt processing count).
• Detects that the main routine has failed and determines to branch to the program initialization
routine for recovery processing in the following case:
If the SWDT contents are not initialized to the initial value N but continued to decrement and if
they reach 0 or less.
Fig. 3.4.10 Watchdog timer by software
Main routine
(SWDT)
← N
CLI
Main processing
(SWDT)
Interrupt processing
routine errors
N
Interrupt processing routine
(SWDT)
← (SWDT)—1
Interrupt processing
(SWDT)
Main routine
errors
>0
≤0
RTI
Return
=N?
≤0?
≠N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com