Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38044F8HKP Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # M38044F8HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38044F8HKP Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button M38044F8HKP Datasheet HTML 217Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 218Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 219Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 220Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 221Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 222Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 223Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 224Page - Renesas Technology Corp M38044F8HKP Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 387 page
background image
2-97
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➀ After START condition, the masters, which have different speed, simultaneously start clock transmission.
➁ The SCL outputs “L” because (A) finished counting “H” output; then (B)’s “H” output counting is
interrupted and (B) starts counting “L” output.
➂ The (A) outputs “H” because (A) finished counting “L” term; the SCL level does not become “H”
because (B) outputs “L”, and counting “H” term does not start but stop.
➃ (B) outputs “L” term.
➄ The SCL outputs “H” because (B) finished counting “L” term; then (B)’s “H” output counting is
started at the same time as (A).
➅ The SCL outputs “L” because (A) first finished counting “H” output; then (B)’s “H” output counting
is interrupted and (B) starts counting “L” output.
➆ The above are repeatedly performed.
(2)
Clock synchronization during communication
In the I2C-BUS, the slave device is permitted to retain the SCL line “L” and become waiting status
for transmission from the master. By byte unit, for the reception preparation of the slave device, the
master can become waiting status by making the SCL line “L”, which is after completion of byte
reception or the ACK.
By bit unit, it is possible to slow down a clock speed by retaining the clock line “L” for slave devices
having limited hardware.
The 3804 group can transmit data correctly without reduction of data bits toward waiting status
request from the slave device. It is because the synchronization circuit is included for the case when
retaining the SCL line “L” as an internal hardware.
After the last bit, including the ACK bit, of a transmission/reception data byte, the SCL line automatically
remains “L” and waiting status is generated until completion of an interrupt process or reception
preparation.
(3)
Arbitration lost
A plural master exists on the same bus in the I2C-BUS and there are possibility to start communication
simultaneously. Even when the master devices having the same transmission frequency start
communication simultaneously, which device must transmit data correctly. Accordingly, there is the
definition to detect a communication confliction on the SDA line in the I2C-BUS.
The SDA line is output at the timing synchronized by the SCL, however, the synchronization among
the SDA signals is not performed.
Fig. 2.5.19 SCL waveforms when synchronizing clocks
SCL(A)
SCL(B)
SCL
➀
➁
➂
➃
➄
➅
➆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com