Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS3100-GS18 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMS3100-GS18
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS3100-GS18 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMS3100-GS18 Datasheet HTML 1Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 2Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 3Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 4Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 5Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 6Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 7Page - Vishay Siliconix VLMS3100-GS18 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 81214
Rev. 1.1, 30-Aug-07
Vishay Semiconductors
VLMS310.
BAR CODE PRODUCT LABEL
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: R2 = code for luminous intensity group
3 = code for color group
D) Date code year/week
E) Day code (e.g. 3: Wednesday)
F) Batch no.
G) Total quantity
H) Company code
DRY PACKING
The reel is packed in an anti-humidity bag to protect
the
devices
from
absorbing
moisture
during
transportation and storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A
secondary cardboard box is used for shipping
purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the
aluminum bag has been opened to prevent moisture
absorption.
The
following
conditions
should
be
observed, if dry boxes are not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 672 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover
to the former condition by drying under the following
condition:
192 h at 40 °C + 5 °C/- 0 °C and < 5 % RH (dry air/
nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device
containers or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 2a label
is included on all dry bags.
Example of JESD22-A112 level 2a label
ESD PRECAUTION
Proper storage and handling procedures should be
followed to prevent ESD damage to the devices
especially when they are removed from the antistatic
shielding bag. Electro-static sensitive devices warning
labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels
are printed at final packing areas. The labels are on
each packing unit and contain Vishay Semiconductors
specific data.
106
37
VISHAY
A
H
BC
D
E
F
G
19785
Aluminum bag
Label
Reel
15973
L E V E L
CAUTION
This bag contains
MOISTURE SENSITIVE DEVICES
1. Shelf life in sealed bag 12 months at <40°C and < 90% relative humidity (RH)
2. After this bag is opened devices that will be subjected to infrared reflow,
vapor-phase reflow, or equivalent processing (peak package body temp.
260°C) must be:
a)
Mounted within 672 hours at factory condition of < 30°C/60%RH or
b)
Stored at <10% RH.
3. Devices require baking before mounting if:
a)
Humidity Indicator Card is >10% when read at 23°C + 5°C or
b)
2a or 2b is not met.
4. If baking is required, devices may be baked for:
192 hours at 40°C + 5°C/-0°C and <5%RH (dry air/nitrogen)
or
96 hours at 60±5oCand <5%RH
For all device containers
or
24 hours at 100±5°C
Not suitable for reels or tubes
Bag Seal Date: ______________________________
(If blank, see bar code label)
Note: LEVEL defined by EIA JEDEC Standard JESD22-A113
2a
19786


Similar Part No. - VLMS3100-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS3100-GS18 VISHAY-VLMS3100-GS18 Datasheet
177Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3100-GS18 TO-GRACE-VLMS3100-GS18 Datasheet
684Kb / 8P
Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMS3100-GS18 VISHAY-VLMS3100-GS18 Datasheet
212Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.6, 28-May-2019
More results

Similar Description - VLMS3100-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
Rev. 1.1, 06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
Rev. 1.5, 16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.0, 28-Feb-07
VLMTG31N2S1-GS08 VISHAY-VLMTG31N2S1-GS08 Datasheet
170Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.2, 15-May-08
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com