Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT91RM9200
Description  ARM920T-based Microcontroller
PDF  689 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT91RM9200_06 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 689 page
background image
4
1768G–ATARM–29-Sep-06
AT91RM9200
3.
Signal Description
Table 3-1.
Signal Description by Peripheral
Pin Name
Function
Type
Active
Level
Comments
Power
VDDIOM
Memory I/O Lines Power Supply
Power
3.0V to 3.6V
VDDIOP
Peripheral I/O Lines Power Supply
Power
3.0V to 3.6V
VDDPLL
Oscillator and PLL Power Supply
Power
1.65V to 1.95V
VDDCORE
Core Chip Power Supply
Power
1.65V to 1.95V
VDDOSC
Oscillator Power Supply
Power
1.65V to 1.95V
GND
Ground
Ground
GNDPLL
PLL Ground
Ground
GNDOSC
Oscillator Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Crystal Input
Input
XOUT
Main Crystal Output
Output
XIN32
32KHz Crystal Input
Input
XOUT32
32KHz Crystal Output
Output
PLLRCA
PLL A Filter
Input
PLLRCB
PLL B Filter
Input
PCK0 - PCK3
Programmable Clock Output
Output
ICE and JTAG
TCK
Test Clock
Input
Schmitt trigger
TDI
Test Data In
Input
Internal Pull-up, Schmitt trigger
TDO
Test Data Out
Output
Tri-state
TMS
Test Mode Select
Input
Internal Pull-up, Schmitt trigger
NTRST
Test Reset Signal
Input
Low
Internal Pull-up, Schmitt trigger
JTAGSEL
JTAG Selection
Input
Schmitt trigger
ETM
TSYNC
Trace Synchronization Signal
Output
TCLK
Trace Clock
Output
TPS0 - TPS2
Trace ARM Pipeline Status
Output
TPK0 - TPK15
Trace Packet Port
Output
Reset/Test
NRST
Microcontroller Reset
Input
Low
No on-chip pull-up, Schmitt trigger
TST0 - TST1
Test Mode Select
Input
Must be tied low for normal
operation, Schmitt trigger


Similar Part No. - AT91RM9200_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
ARM7TDMI BASED MICROCONTROLLER
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
ARM920T-based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com