Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24313DSGR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24313DSGR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24313DSGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24313DSGR Datasheet HTML 2Page - Texas Instruments BQ24313DSGR Datasheet HTML 3Page - Texas Instruments BQ24313DSGR Datasheet HTML 4Page - Texas Instruments BQ24313DSGR Datasheet HTML 5Page - Texas Instruments BQ24313DSGR Datasheet HTML 6Page - Texas Instruments BQ24313DSGR Datasheet HTML 7Page - Texas Instruments BQ24313DSGR Datasheet HTML 8Page - Texas Instruments BQ24313DSGR Datasheet HTML 9Page - Texas Instruments BQ24313DSGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TERMINAL FUNCTIONS
NC
VSS
FAULT
IN
OUT
CE
1
2
3
6
8
7
4
5
VBAT
ILIM
bq24313
bq24315
bq24313
bq24315
SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008............................................................................................................................................... www.ti.com
TERMINAL
I/O
DESCRIPTION
NAME
DSG
Input power. Connect IN to the external DC supply. Bypass IN to VSS with a 1
µF ceramic capacitor
IN
1
I
(minimum).
VSS
2
Ground terminal
This pin may have internal circuits used for test purposes. Do not make any external connection to this
NC
3
pin for normal operation.
Open-drain, device status output. FAULT = Low indicates that the input FET Q1 is off due to input
FAULT
4
O
overvoltage, input overcurrent, battery overvoltage, or thermal shutdown. FAULT is high impedance
during normal operation. Connect a pullup resistor from FAULT to the desired logic level voltage rail.
5
I
Chip enable active low input. Connect CE = High to disable the IC and turn the input FET off. Connect
CE
CE = low for normal operation. CE is internally pulled down.
VBAT
6
I
Battery voltage sense input. Connect to the battery pack positive terminal through a resistor.
Input overcurrent threshold programming. Connect a resistor from ILIM to VSS to set the overcurrent
ILIM
7
I/O
threshold.
8
O
Output terminal to the charging system. Connect OUT to the external load circuitry. Bypass OUT to VSS
OUT
with a 1
µF ceramic capacitor (minimum).
There is an internal electrical connection between the exposed thermal pad and the VSS pin of the
device. The thermal pad must be connected to the same potential as the VSS pin on the printed circuit
Thermal PAD
board. Do not use the thermal pad as the primary ground input for the device. The VSS pin must be
connected to ground at all times.
DSG Package
(Top View)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24313 bq24315


Similar Part No. - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGR TI1-BQ24311DSGR Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGT TI1-BQ24311DSGT Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
bq24312DSG TI-bq24312DSG Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com