Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24313DSGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24313DSGR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24313DSGR Datasheet(HTML) 1 Page - Texas Instruments

  BQ24313DSGR Datasheet HTML 1Page - Texas Instruments BQ24313DSGR Datasheet HTML 2Page - Texas Instruments BQ24313DSGR Datasheet HTML 3Page - Texas Instruments BQ24313DSGR Datasheet HTML 4Page - Texas Instruments BQ24313DSGR Datasheet HTML 5Page - Texas Instruments BQ24313DSGR Datasheet HTML 6Page - Texas Instruments BQ24313DSGR Datasheet HTML 7Page - Texas Instruments BQ24313DSGR Datasheet HTML 8Page - Texas Instruments BQ24313DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
AC Adapter
VDC
GND
1 F
m
1
2
7
5
4
6
8
bq24313
bq24315
bq24080
ChargerIC
SYSTEM
IN
OUT
VBAT
FAULT
CE
1 F
m
APPLICATIONSCHEMATIC
bq24313
bq24315
www.ti.com............................................................................................................................................... SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND
Li+ CHARGER FRONT-END PROTECTION IC
• 5.5V LDO Mode Voltage Regulation
23
• Provides Protection for Three Variables:
• Available in Space-Saving Small 8 Lead 2mm
×2mm SON
Input Overvoltage, with Rapid Response in
< 1
µs
User-Programmable Overcurrent with
• Mobile Phones and Smart Phones
Current Limiting
• PDAs
Battery Overvoltage
• MP3 Players
• 30V Maximum Input Voltage
• Low-Power Handheld Devices
• Supports up to 1.5A Input Current
• Bluetooth™ Headsets
• Robust Against False Triggering Due to
Current Transients
• Thermal Shutdown
• Enable Input
• Status Indication – Fault Condition
The bq24313 and bq24315 are highly integrated circuits designed to provide protection to Li-ion batteries from
failures of the charging circuit. The IC continuously monitors the input voltage, the input current, and the battery
voltage. The output acts as a linear regulator. The output is regulated to VO(REG) for inputs between VO(REG) and
the overvoltage threshold. If an input overvoltage condition occurs, the IC immediately removes power from the
charging circuit by turning off an internal switch. In the case of an overcurrent condition, it limits the system
current at the threshold value, and if the overcurrent persists, switches the pass element OFF after a blanking
period. Additionally, the IC also monitors its own die temperature and switches off if it exceeds 140°C. The input
overcurrent threshold is user-programmable.
The IC can be controlled by a processor and also provides status information about fault conditions to the host.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24311DSGR TI1-BQ24311DSGR Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24311DSGT TI1-BQ24311DSGT Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
bq24312DSG TI-bq24312DSG Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com