Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24313DSGR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24313DSGR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24313DSGR Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ24313DSGR Datasheet HTML 8Page - Texas Instruments BQ24313DSGR Datasheet HTML 9Page - Texas Instruments BQ24313DSGR Datasheet HTML 10Page - Texas Instruments BQ24313DSGR Datasheet HTML 11Page - Texas Instruments BQ24313DSGR Datasheet HTML 12Page - Texas Instruments BQ24313DSGR Datasheet HTML 13Page - Texas Instruments BQ24313DSGR Datasheet HTML 14Page - Texas Instruments BQ24313DSGR Datasheet HTML 15Page - Texas Instruments BQ24313DSGR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Input Overvoltage Protection
Input Overcurrent Protection
Battery Overvoltage Protection
Thermal Protection
Enable Function
Fault Indication
bq24313
bq24315
SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008............................................................................................................................................... www.ti.com
While the input voltage is less than VO(REG), the output voltage tracks the input voltage (less the drop due to the
RDS(on) of Q1). When the input voltage is between VO(REG) and VOVP, the device functions as a linear regulator
and regulates the output voltage to 5.5V. If the input voltage rises above VOVP, the internal FET Q1 is turned off,
removing power to the output. The response is rapid, with the FET turning off in less than a microsecond. The
FAULT pin is driven low. When the input voltage returns below VOVP – Vhys(OVP) (but is still above UVLO), the
FET Q1 is turned on again after a deglitch time of tON(OVP) to ensure that the input supply has stabilized.
The overcurrent threshold is programmed by a resistor R(ILIM) connected from the ILIM pin to VSS. Figure 17
shows the OCP threshold as a function of R(ILIM), and may be approximated by the following equation:
IOCP = 25 ÷ R(ILIM) (current in A, resistance in kΩ)
If the load current tries to exceed the IOCP threshold, the device limits the current for a blanking duration of
tBLANK(OCP). If the load current returns to less than IOCP before tBLANK(OCP) times out, the device continues to
operate. However, if the overcurrent situation persists for tBLANK(OCP), the FET Q1 is turned off for a duration of
tREC(OCP), and the FAULT pin is driven low. The FET is then turned on again after tREC(OCP) and the current is
monitored all over again. Each time an OCP fault occurs, an internal counter is incremented. If 15 OCP faults
occur in one charge cycle, the FET is turned off permanently. The counter is cleared either by removing and
re-applying input power, or by disabling and re-enabling the device with the CE pin.
To prevent the input voltage from spiking up due to the inductance of the input cable, Q1 is turned off slowly,
resulting in a “soft-stop”.
The battery overvoltage threshold BVOVP is internally set to 4.35V. If the battery voltage exceeds the BVOVP
threshold, the FET Q1 is turned off, and the FAULT pin is driven low. The FET is turned back on once the battery
voltage drops to BVOVP – Vhys(Bovp). Each time a battery overvoltage fault occurs, an internal counter is
incremented. If 15 such faults occur in one charge cycle, the FET is turned off permanently. The counter is
cleared either by removing and re-applying input power, or by disabling and re-enabling the device with the CE
pin. For a battery overvoltage fault, Q1 is gradually switched OFF.
If the junction temperature of the device exceeds TJ(OFF), the FET Q1 is turned off, and the FAULT pin is driven
low. The FET is turned back on when the junction temperature falls below TJ(OFF) – TJ(OFF-HYS).
The IC has an enable pin which can be used to enable or disable the device. When the CE pin is driven high, the
internal FET is turned off. When the CE pin is low, the FET is turned on if other conditions are safe. The OCP
counter and the Bat-OVP counter are both reset when the device is disabled and re-enabled. The CE pin has an
internal pulldown resistor and can be left floating. Note that the FAULT pin functionality is also disabled when the
CE pin is high.
The FAULT pin is an active-low open-drain output. It is in a high-impedance state when operating conditions are
safe, or when the device is disabled by setting CE high. With CE low, the FAULT pin goes low whenever any of
these events occurs:
• Input overvoltage
• Input overcurrent
• Battery overvoltage
• IC Overtemperature
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24313 bq24315


Similar Part No. - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGR TI1-BQ24311DSGR Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24311DSGT TI1-BQ24311DSGT Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
bq24312DSG TI-bq24312DSG Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com