Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24313DSGR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24313DSGR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24313DSGR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24313DSGR Datasheet HTML 1Page - Texas Instruments BQ24313DSGR Datasheet HTML 2Page - Texas Instruments BQ24313DSGR Datasheet HTML 3Page - Texas Instruments BQ24313DSGR Datasheet HTML 4Page - Texas Instruments BQ24313DSGR Datasheet HTML 5Page - Texas Instruments BQ24313DSGR Datasheet HTML 6Page - Texas Instruments BQ24313DSGR Datasheet HTML 7Page - Texas Instruments BQ24313DSGR Datasheet HTML 8Page - Texas Instruments BQ24313DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
bq24313
bq24315
SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008............................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
DEVICE(2)
OVP THRESHOLD
PACKAGE
MARKING
bq24313DSG
10.5V
2mm x 2mm SON
NXQ
bq24315DSG
5.85 V
2mm x 2mm SON
CGM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
(2)
To order a 3000 piece reel add R to the part number, or to order a 250 piece reel add T to the part
number.
DESIGNATOR
PACKAGE
RθJC
RθJA
DSG
2×2 SON
5°C/W
75°C/W
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PIN
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 30
VI
Input voltage
OUT (with respect to VSS)
–0.3 to 12
V
ILIM, FAULT, CE, VBAT (with respect to VSS)
–0.3 to 7
II
Input current
IN
2
A
IO
Output current
OUT
2
A
Output sink current
FAULT
15
mA
All (Human Body Model per JESD22-A114-E)
2000
V
All (Machine Model per JESD22-A115-E)
200
V
ESD
Withstand Voltage
All (Charge Device Model per JESD22-C101-C)
500
V
IN(IEC 61000-4-2) (with IN bypassed to the VSS
15 (Air Discharge)
kV
with a 1-
µF low-ESR ceramic capacitor)
8 (Contact)
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
3.3
30
V
IIN
Input current, IN pin
1.5
A
IOUT
Output current, OUT pin
1.5
A
R(ILIM)
OCP Programming resistor
15
90
k
TJ
Junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24313 bq24315


Similar Part No. - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24311DSGR TI1-BQ24311DSGR Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24311DSGT TI1-BQ24311DSGT Datasheet
1Mb / 26P
Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
bq24312DSG TI-bq24312DSG Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24313DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com