Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C5130A-RDTUM Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 152Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 153Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 154Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 155Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 156Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 157Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 158Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 159Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 188 page
background image
156
4337K–USB–04/08
AT89C5130A/31A-M
Figure 24-1. Power-down Exit Waveform
Exit from power-down by reset redefines all the SFRs, exit from power-down by external inter-
rupt does no affect the SFRs.
Exit from power-down by either reset or external interrupt does not affect the internal RAM
content.
Note:
If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence is
unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and idle mode is
not entered.
This table shows the state of ports during idle and power-down modes.
Note:
1. Port 0 can force a 0 level. A “one” will leave port floating.
INT1
INT0
XTAL
Power-down Phase
Oscillator restart Phase
Active Phase
Active Phase
Table 24-1.
State of Ports
Mode
Program
Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
PORTI2
Idle
Internal
1
1
Port
Data(1)
Port Data
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Port Data
Power-down
Internal
0
0
Port
Data(1)
Port Data
Port Data
Port Data
Port Data
Power-down
External
0
0
Floating
Port Data
Port Data
Port Data
Port Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com