Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C5130A-RDTUM Datasheet(PDF) 165 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 161Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 162Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 163Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 164Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 165Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 166Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 167Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 168Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 188 page
background image
165
4337K–USB–04/08
AT89C5130A/31A-M
27.4.2
External Program Memory Characteristics
Table 27-2.
Symbol Description
Table 27-3.
AC Parameters for a Fix Clock (F = 40 MHz)
Symbol
Parameter
T
Oscillator Clock Period
T
LHLL
ALE Pulse Width
T
AVLL
Address Valid to ALE
T
LLAX
Address Hold after ALE
T
LLIV
ALE to Valid Instruction In
T
LLPL
ALE to PSEN
T
PLPH
PSEN Pulse Width
T
PLIV
PSEN to Valid Instruction In
T
PXIX
Input Instruction Hold after PSEN
T
PXIZ
Input Instruction Float after PSEN
T
AVIV
Address to Valid Instruction In
T
PLAZ
PSEN Low to Address Float
Symbol
Min
Max
Units
T
25
ns
T
LHLL
40
ns
T
AVLL
10
ns
T
LLAX
10
ns
T
LLIV
70
ns
T
LLPL
15
ns
T
PLPH
55
ns
T
PLIV
35
ns
T
PXIX
0
ns
T
PXIZ
18
ns
T
AVIV
85
ns
T
PLAZ
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com