Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CS896B Datasheet(PDF) 223 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 223 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 218Page - Actel Corporation AX2000-1CS896B Datasheet HTML 219Page - Actel Corporation AX2000-1CS896B Datasheet HTML 220Page - Actel Corporation AX2000-1CS896B Datasheet HTML 221Page - Actel Corporation AX2000-1CS896B Datasheet HTML 222Page - Actel Corporation AX2000-1CS896B Datasheet HTML 223Page - Actel Corporation AX2000-1CS896B Datasheet HTML 224Page - Actel Corporation AX2000-1CS896B Datasheet HTML 225Page - Actel Corporation AX2000-1CS896B Datasheet HTML 226Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 223 / 226 page
background image
Axcelerator Family FPGAs
v2.7
4 -3
Advanced v0.6
Timing characteristics for the "Routed Clocks" section were updated.
2-57
(continued)
Table 2-88 to Table 2-91 were updated.
2-75 to 2-78
Table 2-97 to Table 2-98were updated.
2-86 to 2-87
The "Low Power Mode" section was updated.
2-89
The "Interface" section was updated.
2-89
The "Data Registers (DRs)" section was updated.
2-90
The "Security" section was updated.
2-90
The "Silicon Explorer II Probe Interface" section was updated.
2-91
The "Programming" section was updated.
2-91
In the "208-Pin PQFP" (AX500) section, pins 2, 52, and 156 changed from VCCDA to VCCA.
For pins 170 and 171, the I/O names refer to pair 23 instead of 24.
3-78
The following changes were made in the "676-Pin FBGA"(AX500) section:
AE2, AE25
Change from NC to GND.
AF2, AF25
Changed from GND to NC
AB4, AF24, C1, C26 Changed from VCCDA to VCCA
AD15
Change from VCCDA to VCOMPLE
AD17
Changed from VCOMPLE to VCCDA
3-36
In the "896-Pin FBGA" (AX2000) section, the AK28 changed from VCCIB5 to VCCIB4.
3-49
The "352-Pin CQFP" section is new.
3-88
The "624-Pin CCGA" section is new.
3-102
Advanced v1.5
All I/O FIFO capability was removed.
n/a
Table 1-1 was updated.
i
Figure 1-9 and was updated.
1-7
Figure 2-5 was updated.
2-14
The "Using an I/O Register" section was updated.
2-14
The AX250 and AX1000 descriptions were added to the "484-Pin FBGA"section.
3-22
Advanced v1.4
Table 2-3 was updated.
2-2
Figure 2-1 was updated.
2-8
Figure 2-48 was updated.
2-63
Figure 2-52 was updated.
2-68
Advanced v1.3
In the "208-Pin PQFP" table, pin 196 was missing, but it has been added in this version with a
function of GND.
3-78
The following pins in the "484-Pin FBGA" table for AX500 were changed:
Pin G7 is GND/LP
Pins AB8, C10, C11, C14, AB16 are NC.
3-22
The "676-Pin FBGA" table was updated.
3-36
Previous Version
Changes in Current Version (v2.7)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com