Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4357CMS8-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4357CMS8-PBF
Description  Positive High Voltage Ideal Diode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357CMS8-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4357CMS8-PBF Datasheet HTML 2Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 3Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 4Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 5Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 6Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 7Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 8Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 9Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4357
6
4357fb
OPERATION
High availability systems often employ parallel-connected
power supplies or battery feeds to achieve redundancy
and enhance system reliability. ORing diodes have been
a popular means of connecting these supplies at the point
of load. The disadvantage of this approach is the forward
voltage drop and resulting efficiency loss. This drop reduces
the available supply voltage and dissipates significant
power. Using an N-channel MOSFET to replace a Schottky
diode reduces the power dissipation and eliminates the
need for costly heat sinks or large thermal layouts in high
power applications.
The LTC4357 controls an external N-channel MOSFET to
form an ideal diode. The voltage across the source and
drain is monitored by the IN and OUT pins, and the GATE
pin drives the MOSFET to control its operation. In effect
the MOSFET source and drain serve as the anode and
cathode of an ideal diode.
At power-up, the load current initially flows through the
body diode of the MOSFET. The resulting high forward
voltage is detected at the IN and OUT pins, and the
LTC4357 drives the GATE pin to servo the forward drop
to 25mV. If the load current causes more than 25mV of
voltage drop when the MOSFET gate is driven fully on,
the forward voltage is equal to RDS(ON) • ILOAD.
If the load current is reduced causing the forward drop
to fall below 25mV, the MOSFET gate is driven lower by
a weak pull-down in an attempt to maintain the drop at
25mV. If the load current reverses and the voltage across
IN to OUT is more negative than –25mV the LTC4357
responds by pulling the MOSFET gate low with a strong
pull-down.
In the event of a power supply failure, such as if the output
of a fully loaded supply is suddenly shorted to ground,
reverse current temporarily flows through the MOSFET that
is on. This current is sourced from any load capacitance
and from the other supplies. The LTC4357 quickly responds
to this condition turning off the MOSFET in about 500ns,
thus minimizing the disturbance to the output bus.


Similar Part No. - LTC4357CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357CMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com