Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT533-1 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT533-1
Description  ADSL Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT533-1 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT533-1_1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONIC:
28151 Highway 74, Romoland, CA 92858 Tel: 951-928-7700 Toll Free: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
PT533-1 ADSL Transformers
Features
Matched to Alcatel Microelectronics MTK-20131 ADSL Chipset
Excellent Total Harmonic Distortion (THD) Performance
Exceeds standards for ANSI and ETSI
Isolation Voltage : up to 2000Vrms
Designed to meet UL1950 to supplementary Isolation
requirements
ELECTRICAL SPECIFICATIONS AT 25
°C
OPERATING TEMP -40
°C to +85°C
TURNS RATIO
1:1:1:1
±2%
OCL PRIMARY
1-5 WITH 2-4 SHORTED
440
µH±5%
LEAKAGE INDUCTANCE
15
µH MAX
INSERTION LOSS @40kHz-2MHz
3dB MAX
DC RESISTANCE (1-4), (2-5)
0.16
Ω MAX
DC RESISTANCE (10-7), (9-6)
1.20
Ω MAX
ISOLATION VOLTAGE (MAX)
2000Vrms
THD LINEARITY @40kHz
-70dB TYP
OUTLINE DIMENSIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
For non-RoHS parts replace PT prefix with 42-
(e.g. PT533-1 becomes 42-533-1)
3.
Terminal finish is compliant to RoHS requirements.


Similar Part No. - PT533-1_1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT533-1 BOURNS-PT533-1 Datasheet
164Kb / 1P
   1ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
More results

Similar Description - PT533-1_1

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A_13 Datasheet
185Kb / 2P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
B0726 COILCRAFT-B0726_13 Datasheet
52Kb / 1P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
logo
Coilcraft lnc.
B0726-EL COILCRAFT-B0726-EL Datasheet
64Kb / 1P
   ADSL Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com